Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 33 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 33 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 29Page - Agere Systems OR3LP26B Datasheet HTML 30Page - Agere Systems OR3LP26B Datasheet HTML 31Page - Agere Systems OR3LP26B Datasheet HTML 32Page - Agere Systems OR3LP26B Datasheet HTML 33Page - Agere Systems OR3LP26B Datasheet HTML 34Page - Agere Systems OR3LP26B Datasheet HTML 35Page - Agere Systems OR3LP26B Datasheet HTML 36Page - Agere Systems OR3LP26B Datasheet HTML 37Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 184 page
background image
Lucent Technologies Inc.
33
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port (continued)
Understanding FIFO Packing/Unpacking
In dual-port mode, the interface from the core to the FPGA is always 64 bits wide. However, data packing through
the FIFOs will differ depending on whether the transfers on the PCI bus are 32 bits or 64 bits. The following discus-
sions pertain to target write or master read operations where data will be read from the FIFOs.
s
64-bit Transfers: Since the FIFOs are always in 64-bit mode, the data will flow through without any repacking.
Keep in mind that 64-bit transfers must start on a Quadword aligned address (AD2 = 0).
s
32-bit Transfers: The FIFOs are always in 64-bit mode, so depending upon what address the transfer begins,
the data coming out of the FIFOs will be packed differently. The following two cases provide examples with differ-
ent starting addresses and word counts. Case 1 is also true for Master read operations.
Case 1: Target write burst, 32-bit. Even 32-bit starting address, and even number of 32-bit words transferred on the
PCI bus.
Table 13. Dual-Port FIFO Packing/Unpacking, Case 1, PCI Side
Table 14. Dual-Port FIFO Packing/Unpacking, Case 1, FPGA Side
Note: PCI addresses in parentheses are not actually sent across the PCI bus during a burst. They are used for illustrative purposes only.
Dummy words are unknown data words in the FIFOs with their byte enables disabled.
Case 2: Target write burst, 32-bit. Even 32-bit starting address, odd number of 32-bit words transferred on the PCI
bus.
Table 15. Dual-Port FIFO Packing/Unpacking, Case 2, PCI Side
PCI Address
PCI Data
PCI Byte Enables
(Active-Low)
00001000
32-bit Word1
0000
(00001004)
32-bit Word2
0000
(00001008)
32-bit Word3
0000
(0000100C)
32-bit Word4
0000
(00001010)
32-bit Word5
0000
(00001014)
32-bit Word6
0000
Master Write FIFO Slot
FIFO Data Bits 63:32
FIFO Data Bits 31:0
FIFO Byte Enables
(Active-Low)
datatofpga[63:0]
datatofpgax[7:0]
1
32-bit Word2
32-bit Word1
00000000
2
32-bit Word4
32-bit Word3
00000000
3
32-bit Word6
32-bit Word5
00000000
PCI Address
PCI Data
PCI Byte Enables
(Active-Low)
00001000
32-bit Word1
0000
(00001004)
32-bit Word2
0000
(00001008)
32-bit Word3
0000
(0000100C)
32-bit Word4
0000
(00001010)
32-bit Word5
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com