Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 85 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 85 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 81Page - Agere Systems OR3LP26B Datasheet HTML 82Page - Agere Systems OR3LP26B Datasheet HTML 83Page - Agere Systems OR3LP26B Datasheet HTML 84Page - Agere Systems OR3LP26B Datasheet HTML 85Page - Agere Systems OR3LP26B Datasheet HTML 86Page - Agere Systems OR3LP26B Datasheet HTML 87Page - Agere Systems OR3LP26B Datasheet HTML 88Page - Agere Systems OR3LP26B Datasheet HTML 89Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 184 page
background image
Lucent Technologies Inc.
85
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Table 30. Quad-Port FIFO Packing/Unpacking, Case 1, PCI Side
Table 31. Quad-Port FIFO Packing/Unpacking, Case 1, FPGA Side
Note: PCI addresses in parentheses are not actually sent across the PCI bus during a burst. They are used for illustrative purposes only.
Dummy words are unknown data words in the FIFOs with their byte enables disabled.
Case 2: Target write burst, 32-bit. Quadword aligned starting address, odd number of 32-bit words transferred on
the PCI bus.
Table 32. Quad-Port FIFO Packing/Unpacking, Case 2, PCI Side
Table 33. Quad-Port FIFO Packing/Unpacking, Case 1, FPGA Side
Note: PCI addresses in parentheses are not actually sent across the PCI bus during a burst. They are used for illustrative purposes only.
Dummy words are unknown data words in the FIFOs with their byte enables disabled.
PCI Address
PCI Data
PCI Byte Enables
(Active-Low)
00001000
32-bit Word1
0000
(00001004)
32-bit Word2
0000
(00001008)
32-bit Word3
0000
(00001010)
32-bit Word4
0000
(00001014)
32-bit Word5
0000
(00001018)
32-bit Word6
0000
Master Write FIFO Slot
FIFO Data Bits [31:0]
FIFO Byte Enables
(Active-Low)
twdata[31:0]
twdata[35:32]
1
32-bit Word1
0000
1
32-bit Word2
0000
2
32-bit Word3
0000
2
32-bit Word4
0000
3
32-bit Word5
0000
3
32-bit Word6
0000
PCI Address
PCI Data
PCI Byte Enables
(Active-Low)
00001000
32-bit Word1
0000
(00001004)
32-bit Word2
0000
(00001008)
32-bit Word3
0000
(00001010)
32-bit Word4
0000
(00001014)
32-bit Word5
0000
Master Write FIFO Slot
FIFO Data Bits [31:0]
FIFO Byte Enables
(Active-Low)
twdata[31:0]
twdata[35:32]
1
32-bit Word1
0000
1
32-bit Word2
0000
2
32-bit Word3
0000
2
32-bit Word4
0000
3
32-bit Word5
0000
3
Dummy Word
FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com