Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 21 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 21 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 17Page - Agere Systems OR3LP26B Datasheet HTML 18Page - Agere Systems OR3LP26B Datasheet HTML 19Page - Agere Systems OR3LP26B Datasheet HTML 20Page - Agere Systems OR3LP26B Datasheet HTML 21Page - Agere Systems OR3LP26B Datasheet HTML 22Page - Agere Systems OR3LP26B Datasheet HTML 23Page - Agere Systems OR3LP26B Datasheet HTML 24Page - Agere Systems OR3LP26B Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 184 page
background image
Lucent Technologies Inc.
21
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port
Pages 21—69 will refer to the dual-port mode of the OR3LP26B device. For quad-port mode, please refer to pages
70—122.
Embedded Core/FPGA Interface Signal Descriptions
In Table 8, an input refers to a signal flowing into the FPGA logic (out of the embedded core) and an output refers
to a signal flowing out of the FPGA logic (into the embedded core).
Table 8. Embedded Core/FPGA Interface Signals
Symbol
I/O
Description
Data FIFO Signals
datafmfpga[63:0]
datafmfpgax[7:0]
O
Main data bus into the master write FIFO and target read FIFO. Refer to Table 10 on
page 30 for bus usage and bit descriptions.
These signals must be synchronous to fclk.
datatofpga[63:0]
datatofpgax[7:0]
I
Main data bus out of the master read FIFO and target write FIFO. Refer to Table 10
on page 30 for bus usage and bit descriptions.
These signals are synchronous to fclk.
Master General Signals
fpga_mbusyn
O
FPGA Master Is Busy. This signal is used in modes currently not implemented in the
core. Tie off this signal to a 1.
fpga_msyserror
I
FPGA Master Cycle Aborted by PCI Target. The PCI Master controller in the PCI
core asserts this active-high as an indication that the current cycle to the PCI bus has
been aborted. This signal is synchronous to fclk.
mcfgshiftenn
pci_mcfg_stat
O
I
mcfgshiftenn is an active-low signal that determines the data that is output by the PCI
core onto signal pci_mcfg_stat:
mcfgshiftenn = 1: pci_mcfg_stat = wired-OR of all bits below, after being
masked by FPGA configuration RAM bits;
mcfgshiftenn = 0: pci_mcfg_stat = each bit below, one at a time on succes-
sive pciclk rising edges (unmasked), reset when
mcfgshiftenn = 1;
Status bits:
Data parity error detected, Target abort received, and
Master abort received.
Both signals are synchronous to fclk.
Master FIFO Address and Command Register Control Signals
Symbol
I/O
Description
maenn
O
Master Command/Address/Burst Length Enable. This is an active-low signal and
is used to enable registering commands, burst length, and start address into the Mas-
ter address register of the PCI core. On each rising edge of the clock that this signal
is sampled low, command, burst length, and address will be registered.
This signal must be synchronous to fclk.
ma_fulln
I
Master Address Register Full Flag. This active-low signal indicates that the Master
address register is full and no more addresses can be registered.
This signal is synchronous to fclk.
mstatecntr[2:0]
I
Internal State Counter. Used for Master reads and writes. Details of the Master state
machine operation can be found in tables at the end of each operation section.
This signal is synchronous to fclk.
mfifoclrn
O
Master FIFO Clear. This active-low signal is asserted by the FPGA Master to clear all
Master FIFOs.
This signal must be synchronous to fclk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com