Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8505 Datasheet(PDF) 3 Page - PLX Technology

Part # PEX8505
Description  Flexible & Versatile PCI Express짰 Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8505 Datasheet(HTML) 3 Page - PLX Technology

  PEX8505 Datasheet HTML 1Page - PLX Technology PEX8505 Datasheet HTML 2Page - PLX Technology PEX8505 Datasheet HTML 3Page - PLX Technology PEX8505 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.plxtech.com
Figure 3. I/O Expansion
Video Surveillance
A video surveillance application is another example for an
embedded application. When used together with a PEX8311,
PCI Express-to-local bus bridges, the PEX8505 can connect to
other embedded devices, such as FPGAs. This allows video
capture devices to interface to a PCI Express host taking
advantage of the PCI Express performance. For more
information on the PCI Express-to-Local Bus bridge, please
visit PLX’s website at www.plxtech.com/bridges.
Figure 4. Video Surveillance
Printer Application
In a printer application, low power and low latency devices are
commonly used. Figure 5 shows an example of a printer
application. In this example, the low power processor used
provides a limited number of PCI Express ports. The PEX
8505 can be used to provide four additional PCI Express ports
for the connectivity of other system peripherals such as
Ethernet as well any proprietary PCI Express based ASICs.
The Peer-to-Peer feature in the PEX 8505, allows a peripheral
connected on a downstream port the ability to transfer data
directly to another peripheral device. As shown in Figure 5,
the ASIC connected to the scanner side can transfer data
directly to the PCIe Slot and/or the ASIC connected on the
Marking Engine side resulting in a low latency data transfer.
In this case, the processor is not directly involved in the
transfer.
Figure 5. Printer Engine
Software Usage Model
From a system model viewpoint, each PCI Express port is a
virtual PCI to PCI bridge device with its own set of PCI
Express configuration registers. It is through the upstream port
that the BIOS or host can configure the other ports using
standard PCI enumeration. The virtual PCI to PCI bridges
within the PEX 8505 are compliant to the PCI and PCI
Express system models. The Configuration Space Registers
(CSRs) in a virtual primary/secondary PCI to PCI Bridge are
accessible by type 0 configuration cycles through the virtual
primary bus interface (matching bus number, device number,
and function number).
Interrupt Sources/Events
The ExpressLane PEX 8505 switch supports the INTx
interrupt message type (compatible with the PCI 2.3 Interrupt
signals) or Message Signaled Interrupts (MSI) when enabled.
Interrupts/messages are generated by the PEX 8505 for hot
plug events, baseline error reporting, and advanced error
reporting.
PEX 8505
PCI
Bus
PCIe Sound Card
PEX 8111
VIA
17242
Stereo
CODEC
PCI
Bus
PEX 8111
CVBS
2IF
Conexant
CX23882
TS
Conexant
Demod
CX22702
Philips
Hybrid
Tuner
IF
PCIe TV Tuner Card
South
Bridge
End Point
PEX 8505
PEX 8505
PCI
Bus
PCIe Sound Card
PEX 8111
PEX 8111
VIA
17242
VIA
17242
Stereo
CODEC
Stereo
CODEC
PCI
Bus
PEX 8111
PEX 8111
CVBS
2IF
Conexant
CX23882
Conexant
CX23882
TS
Conexant
Demod
CX22702
Conexant
Demod
CX22702
Philips
Hybrid
Tuner
Philips
Hybrid
Tuner
IF
PCIe TV Tuner Card
South
Bridge
South
Bridge
End Point
Camera
Camera
Camera
JPEG
JPEG
FIFO
FIFO
FPGA
FPGA
CPU
CPU
Camera
Camera
Camera
PEX 8311
PEX 8311
PEX 8505
Control
Processor
.
.
Camera
Camera
Camera
Camera
Camera
Camera
JPEG
JPEG
FIFO
FIFO
FPGA
FPGA
CPU
CPU
CPU
CPU
Camera
Camera
Camera
Camera
Camera
Camera
PEX 8311
PEX 8311
PEX 8311
PEX 8311
PEX 8505
PEX 8505
Control
Processor
.
.
PCIe Slot or
Cable
x1
PEX 8505
Processor
Proprietary
ASIC
Proprietary
ASIC
Ethernet
Scanner
Marking Engine
x1
x1
x1
x1
PCIe Slot or
Cable
x1
PEX 8505
Processor
Proprietary
ASIC
Proprietary
ASIC
Ethernet
Scanner
Marking Engine
x1
x1
x1
x1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com