Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8505 Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8505
Description  Flexible & Versatile PCI Express짰 Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8505 Datasheet(HTML) 4 Page - PLX Technology

  PEX8505 Datasheet HTML 1Page - PLX Technology PEX8505 Datasheet HTML 2Page - PLX Technology PEX8505 Datasheet HTML 3Page - PLX Technology PEX8505 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.plxtech.com
Development Tools
PLX offers the PEX 8505RDK which includes hardware and
software tools to enable rapid customer design activity. These
tools consist of a hardware module, hardware documentation
and a Software Development Kit (SDK).
ExpressLane PEX 8505RDK
The RDK hardware includes three modules: the PEX 8505
base board, the Port Expander which provides four x1 ports,
and a PCI Express adapter board which provides connection to
the Host slot.
The PEX 8505RDK hardware module is configured as a
bench-top board to provide 5 ports. The adapter board routes
the PCI Express signals from the Host slot to a standard (PCI
SIG defined) PCI Express x1 cable connector. The connection
between the PEX 8505 and the host is made via the x1 cable.
The PEX 8505RDK can be used to test and validate customer
software. Additionally, it can be used as an evaluation vehicle
for the PEX 8505 features and benefits.
SDK
The SDK tool set includes:
- Linux and Windows drivers
- C/C++ Source code, Objects, libraries
- User’s Guides, Application examples, Tutorials
PLX Technology, Inc.
870 W. Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com
Figure 6. PEX 8505RDK
Product Ordering Information
Part Number
Description
PEX 8505-AA25BI
5-Lane, 5-port PCI Express Switch
PEX 8505-AA25BI G
5-Lane, 5-port PCI Express Switch Pb-Free
PEX 8505RDK
PEX 8505 Rapid Development Kit
Please visit the PLX Web site at www.plxtech.com or contact PLX sales at 408-774-9060 for sampling.
Windows/Linux Apps
PEX API
PCIe
Driver
NT PnP
Driver
PCI Express Interface
Kernel
Space
User
Space
Hardware
Windows/Linux Apps
PEX API
PCIe
Driver
NT PnP
Driver
PCI Express Interface
Kernel
Space
User
Space
Hardware
© 2007 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. ExpressLane is a trademark of PLX Technology, Inc.,
which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be trademarks or
registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no responsibility for
any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification.
8505-SIL-PB-1.0
March 2007
PwdGd
CPWRON#
CPERST#
CREFCLK
CPRSTN#
PERST#
REFCLK
Cable Adapter Board
PCIe x1 cable
connector
Port Expander
PCIe x1 cable
connector
PEX 8505RDK
J
5
P
1
PEX 8505
RDK Slot



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com