Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8509 Datasheet(PDF) 2 Page - PLX Technology

Part # PEX8509
Description  Flexible & Versatile PCI Express짰 Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8509 Datasheet(HTML) 2 Page - PLX Technology

  PEX8509 Datasheet HTML 1Page - PLX Technology PEX8509 Datasheet HTML 2Page - PLX Technology PEX8509 Datasheet HTML 3Page - PLX Technology PEX8509 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.plxtech.com
Port Configurations
The lane width of each port can be individually configured
through auto-negotiation, hardware strapping, host software
configuration, I2C interface, or through an optional EEPROM.
The PEX 8509 supports 4 port configurations:
1) One x1 upstream port and seven x1 downstream ports
2) One x2 upstream port and six x1 downstream ports
3) One x2 upstream port and the downstream ports as one x2
and four x1
4) One x4 upstream port and four x1 downstream ports
Figure 1. Port Configurations
For eight-lane configurations not shown in Figure 1, please
use the PEX 8508 device which offers more configuration
options in an 8-lane switch.
Hot Plug for High Availability
Hot Plug capability allows users to replace hardware modules
and perform maintenance without powering down the system.
The PEX 8509 Hot Plug capability and Advanced Error
Reporting features make it suitable for High Availability
(HA) applications. Ports 1, 2 & 3 include a Standard Hot
Plug Controller. If the PEX 8509 is used in an application
where one or more of its downstream ports connect to PCI
Express slots, Hot Plug Controllers on the three downstream
ports can be used to manage the hot plug event of its
associated slot.
Fully Compliant Power Management
For applications that require power management, the
ExpressLane PEX 8509 devices support both link (L0, L0s,
L1, L2/L3 Ready, and L3) and device (D0 and D3hot) power
management states, in compliance with the PCI Express power
management specification.
SerDes Power and Signal Management
The ExpressLane PEX 8509 supports software control of the
SerDes outputs to allow optimization of power and signal
strength in a system. The PLX SerDes implementation
supports four levels of power – off, low, typical, and high. The
SerDes block also supports loop-back modes and advanced
reporting of error conditions, which enables efficient debug
and management of the entire system.
Port Arbitration
The PEX 8509 switch supports hardware fixed and Weighted
Round-Robin Ingress Port Arbitration. This allows fine
tuning of Quality of Service and efficient use of packet buffers
and the system bandwidth.
Applications
Suitable for docking stations, control plane applications,
multi-function printers, DVRs, industrial control systems,
medical imaging systems, embedded systems & AMC
modules, the PEX 8509 can be configured for a wide variety
of form factors and applications.
Docking Station
The PEX 8509 is the most cost-effective PCI Express switch
that can be used in a docking station application. Figure 2
shows four x1 downstream ports connecting two PCIe end-
points, a Network Card and an ExpressCard to a single x4
upstream port. The PEX 8509’s Hot-Plug feature is extremely
useful for the plugging/un-plugging of ExpressCards.
Figure 2. Docking Station
PEX 8509
x1
PEX 8509
x4
PEX 8509
x2
x1 x1
x2
x1 x1 x1 x1
all x1
PEX 8509
x2
all x1
x1
x1
PEX 8509
PEX 8509
x1
PEX 8509
PEX 8509
x4
PEX 8509
PEX 8509
x2
x1 x1
x2
x1 x1 x1 x1
all x1
PEX 8509
PEX 8509
x2
all x1
x1
x1
4
1
1
Docking Station
1
1
PEX 8509
End
Point
South
Bridge
North
Bridge
CPU
USB/SATA/GE
Memory
Mother Board
Graphics
Network
End Point
4
1
11
Docking Station
11
11
PEX 8509
PEX 8509
End
Point
South
Bridge
North
Bridge
CPU
USB/SATA/GE
Memory
Mother Board
Graphics
Graphics
Network
Network
End Point



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com