Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8509 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8509
Description  Flexible & Versatile PCI Express짰 Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8509 Datasheet(HTML) 1 Page - PLX Technology

  PEX8509 Datasheet HTML 1Page - PLX Technology PEX8509 Datasheet HTML 2Page - PLX Technology PEX8509 Datasheet HTML 3Page - PLX Technology PEX8509 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.plxtech.com
Flexible & Versatile PCI Express® Switch
.
Features
PEX 8509 General Features
o 8-lane PCI Express switch
- PCIe Gen 1 (2.5Gbps) Integrated
SerDes
o Up to eight ports (x1, x2, x4)
o 15mm x 15mm, 196-ball PBGA pkg.
o Typical Power: 1.2 Watts
PEX 8509 Key Features
o Standards Compliant
- PCI Express Base Specification, r1.1
- PCI Power Management Interface
Specification r1.2
o High Performance
- Cut-through with low packet latency
- Max Payload Size of 1024 Bytes
- Non-blocking switch fabric
- Full line rate on all ports
o Flexible Configuration
- 8 flexible and configurable ports (x1,
x2 or x4)
- Lane and polarity reversal
- Configurable through I
2C, Host
software, EEPROM or strapping pins
o PCI Express Power Management
- Link power management states: L0,
L0s, L1, L2/L3 Ready, and L3
- Device states: D0 and D3hot
o Quality of Service (QoS)
- One Virtual Channel per port
- Eight Traffic Classes per port
- Weighted Round-Robin Ingress Port
Arbitration
o Reliability, Availability,
Serviceability
- 3 standard Hot-Plug controllers
supporting PCI SHPC spec r1.0
- Transaction layer end-to-end CRC
- Poison bit support
- Basic and Advanced Error Reporting
support
- Per port error diagnostics
• Bad DLLPs
• Bad TLPs
• CRC errors and more
- Fatal Error (FATAL_ERR#) signal
(legacy SERR equivalent)
- INTA# signal
- Port status bits
- Eight software controllable General
Purpose Output (GPO) signals
- JTAG boundary scan
Low-Power 8-Lane, 8-Port ExpressLaneTM PCIe Switch
The PEX 8509 device offers PCI Express switching capability conforming to the PCI
Express Base specification revision 1.1. This device enables users to add scalable
high bandwidth, non-blocking interconnects at the lowest cost to a wide variety of
applications including communications platforms, consumer products, servers,
storage systems, blade servers, industrial systems and embedded-control products.
The PEX 8509 can be used as a fan-out, aggregation, or peer-to-peer switch, and is
well-suited for Control Plane Applications, Docking Stations, DVRs, Multi-
Function Printers, Industrial Control Systems, Medical Imaging Systems,
Embedded Systems and AMC modules.
Port Configurations
The PEX 8509 offers eight lanes and up to eight ports supporting x1, x2 and x4 lane
widths. The ports can be configured for symmetric (each port having the same lane
width and traffic load) or asymmetric (ports having different lane widths). In the
event of asymmetric traffic, the PEX 8509 features a flexible central packet
memory that allocates a memory buffer for each port as required by the application
or endpoint. This buffer allocation along with the device's flexible packet flow
control minimizes bottlenecks when the upstream and aggregated downstream
bandwidths do not match (are asymmetric).
High Performance
The PEX 8509 architecture supports packet cut-thru with low latency (118ns).
This, combined with large packet memory (up to 1024 byte maximum payload
size) and non-blocking internal switch architecture, provides full line rate on all
ports for performance hungry applications such as docking stations, control planes,
embedded systems and AMC modules.
End-to-End Packet Integrity
The PEX 8509 provides end-to-end CRC protection (ECRC) and Poison-bit
support to enable designs that require end-to-end data integrity. These features are
optional in the PCI Express specification, but PLX provides them across its entire
ExpressLane switch product line.
Configuration Flexibility
The PEX 8509 provides several ways to configure its operations. The device can be
configured through strapping pins, I2C interface, CPU configuration cycles, or an
optional serial EEPROM. This allows for easy debug during the development phase,
performance monitoring during the operation phase, and driver or software upgrade.
Interoperability
The PEX 8509 is designed to be fully compliant with the PCI-SIG PCI Express base
specification revision 1.1. Additionally, it supports auto-negotiation, lane reversal,
and polarity reversal. The PEX 8509 also undergoes extensive Interoperability
testing in PLX’s Interoperability Lab.
Low Power with Granular SerDes Control
The PEX 8509 provides low power capability that is fully compliant with the PCI
Express power management specification. For even lower power, the SerDes
physical links can be programmed for desired power or turned off when unused.
PEX 8509
Version 1.2 2007


Similar Part No. - PEX8509

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8509 AVAGO-PEX8509 Datasheet
251Kb / 4P
Flexible & Versatile PCI Express
More results

Similar Description - PEX8509

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8505 PLX-PEX8505 Datasheet
479Kb / 4P
Flexible & Versatile PCI Express짰 Switch
PEX8508 PLX-PEX8508 Datasheet
387Kb / 4P
Flexible & Versatile PCI Express짰 Switch
PEX8512 PLX-PEX8512 Datasheet
1Mb / 4P
Flexible & Versatile PCI Express짰 Switch
PEX8516 PLX-PEX8516 Datasheet
2Mb / 5P
Flexible & Versatile PCI Express Switch
PEX8517 PLX-PEX8517 Datasheet
482Kb / 5P
Flexible & Versatile PCI Express짰 Switch
PEX8518 PLX-PEX8518 Datasheet
476Kb / 4P
Flexible & Versatile PCI Express짰 Switch
PEX8524 PLX-PEX8524 Datasheet
859Kb / 4P
Flexible & Versatile PCI Express Switch
PEX8524V PLX-PEX8524V Datasheet
874Kb / 4P
Flexible & Versatile PCI Express??Switch
PEX8532 PLX-PEX8532 Datasheet
520Kb / 4P
Flexible & Versatile PCI Express??Switch
PEX8533 PLX-PEX8533 Datasheet
369Kb / 4P
Flexible & Versatile PCI Express??Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com