Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8517 Datasheet(PDF) 3 Page - PLX Technology

Part # PEX8517
Description  Flexible & Versatile PCI Express짰 Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8517 Datasheet(HTML) 3 Page - PLX Technology

  PEX8517 Datasheet HTML 1Page - PLX Technology PEX8517 Datasheet HTML 2Page - PLX Technology PEX8517 Datasheet HTML 3Page - PLX Technology PEX8517 Datasheet HTML 4Page - PLX Technology PEX8517 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Low Power with Granular SerDes Control
The PEX 8517 provides low power capability that is fully
compliant with the PCI Express power management
specification. In addition, the SerDes physical links can be
turned off when unused for even lower power.
Flexible Port Width Configuration
The lane width for each port can be individually configured
through auto-negotiation, hardware strapping, upstream
software configuration, or through an optional EEPROM.
The PEX 8517 supports a large number of port configurations.
For example, if you are using the PEX 8517 in a fan-out
application, you may configure the upstream port as x8 and
the downstream ports as four x2 ports; two x2 & one x4 ports;
three x1 ports; or other combinations, as long as you don’t
exceed the maximum number of lanes and/or ports. In a port
aggregation application you can configure three x2 or x1 ports
for aggregation into one x8 or x4 port. Figure 1 shows the
most common port configurations.
Figure 1. Common Port Configurations
Hot-Plug for High Availability
Hot plug capability allows users to replace hardware modules
and perform maintenance without powering down the system.
The PEX 8517 hot-plug capability and Advanced Error
Reporting features makes it suitable for High Availability
(HA) applications. Four ports include a Standard Hot-Plug
Controller. If the PEX 8517 is used in an application where
one or more of its downstream ports connect to PCI Express
slots, each port’s Hot-Plug Controller can be used to manage
the hot-plug event of its associated slot. Furthermore, its
upstream port is a hot-plug client, allowing it to be used on
hot-pluggable adapter cards, backplanes, and fabric
modules.
Fully Compliant Power Management
For applications that require power management, the
PEX 8517 device supports both link (L0, L0s, L1, L2/L3
Ready, L2 and L3) and device (D0 and D3hot) power
management states, in compliance with the PCI Express power
management specification.
SerDes Power and Signal Management
The ExpressLane PEX 8517 supports software control of the
SerDes outputs to allow optimization of power and signal
strength in a system. The PLX SerDes implementation
supports four levels of power – off, low, typical, and high. The
SerDes block also supports loop-back modes and advanced
reporting of error conditions, which enables efficient debug
and management of the entire system.
Flexible Virtual Channel Arbitration
The ExpressLane PEX 8517 switch supports hardware fixed
and Round Robin arbitration schemes for two virtual
channels on each port. This allows for the fine tuning of
Quality of Service for efficient use of packet buffers and
system bandwidth.
Applications
Suitable for host-centric as well as intelligent I/O
applications ExpressLane PEX 8517 can be configured for a
wide variety of form factors and applications.
Host-Centric Fan-out
The ExpressLane PEX 8517 switch, with its symmetric or
asymmetric lane configuration capability, allows user specific
tuning to a variety of host-centric as well as peer-to-peer
applications.
Figure 2. Fan-in/out Usage
Figure 2 shows a typical server-based design, where the root
complex provides a PCI Express link that needs to be fanned
into a larger number of smaller ports for a variety of I/O
functions, each with different bandwidth requirements.
In this example, the PEX 8517 would typically have an 8-lane
upstream port, and as many as three downstream ports. The
downstream ports can be of differing widths if required. The
figure also shows how some of the ports can be bridged to
provide PCI or PCI-X slots through the use of the
ExpressLane PEX 8114 and PEX 8111 PCIe bridging
devices.
Adapter Card Aggregation
The number and variety of PCI Express native-mode devices
is growing quickly. As these devices become mainstream, it
will be necessary to create multifunction and multi-port



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com