Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8517 Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8517
Description  Flexible & Versatile PCI Express짰 Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8517 Datasheet(HTML) 4 Page - PLX Technology

  PEX8517 Datasheet HTML 1Page - PLX Technology PEX8517 Datasheet HTML 2Page - PLX Technology PEX8517 Datasheet HTML 3Page - PLX Technology PEX8517 Datasheet HTML 4Page - PLX Technology PEX8517 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
adapter cards with PCI Express capability. The PEX 8517 can
be used to create an adapter or mezzanine card that aggregates
the PCI Express devices into a single port that can be plugged
into a backplane or motherboard. Figure 3 shows the PEX
8517 in this application.
Figure 3. Aggregation Adapter Card
The adapter card in Figure 3 can be transparent, in which
case the PCI Express I/O devices are just standard I/O
endpoints such as Ethernet or Fibre Channel. Alternatively,
the PEX 8517 can provide a non-transparent port to the
system (via the card’s edge connector). In this case, one of the
PCI Express devices can be a CPU or other “intelligent”
device with on-chip processing capability – thus needing
address domain isolation from the rest of the system. This
approach is commonly used in RAID controllers.
Intelligent Adapter Card
The PEX 8517 supports the non-transparency feature.
Figure 4 illustrates a host system using an intelligent adapter
card.
Figure 4. Intelligent Adapter Usage
In this figure, the CPU on the adapter card is isolated from the
host CPU. The PEX 8517 non-transparent port allows the two
CPUs to be isolated but communicate with each other through
various registers that are designed in the PEX 8517 for that
purpose. The host CPU can dynamically re-assign both the
upstream port and the non-transparent port of PEX 8517
allowing the system to be reconfigured.
Dual Host/Fabric Model
The ExpressLane PEX 8517 supports applications requiring
dual host, host failover, and load-sharing applications
through the non-transparency feature. Figure 5 illustrates a
dual host system with dual switch fabric in dual-star
configuration.
The redundancy of the host and the fabric can be achieved
through many possible configurations using the Non-
Transparent Bridge (NTB) function of PEX 8517. In the
configuration shown below, Host 1 controls Switch 1 and its
associated I/Os while Host 2 controls Switch 2 and its
associated I/Os. The hosts and switches are isolated using
NTB functionality of PEX 8517 on the host boards. If one of
the hosts fails the surviving host can remove the failing host
from the configuration and gain control of both switches and
all I/Os. Similarly, if one of the switches fails the host
associated with that switch can send control messages to its
I/Os through the surviving switch through the NTB function.
Figure 5. Dual Host/Fabric Mode
Embedded Systems
The PEX 8517 can also be utilized in embedded applications.
Figure 6 shows several independent modules connecting
through the PEX 8517. The port widths for each module can
be configured as required. The Peer-to-peer communication
feature of the PEX 8517 allows these modules to communicate
with each other without any centralized control.
Figure 6. Embedded Systems



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com