Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8524 Datasheet(PDF) 2 Page - PLX Technology

Part # PEX8524
Description  Flexible & Versatile PCI Express Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8524 Datasheet(HTML) 2 Page - PLX Technology

  PEX8524 Datasheet HTML 1Page - PLX Technology PEX8524 Datasheet HTML 2Page - PLX Technology PEX8524 Datasheet HTML 3Page - PLX Technology PEX8524 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Flexible Port Width Configuration
The lane width for each port can be individually configured
through auto-negotiation, hardware strapping, upstream
software configuration, or through an optional EEPROM.
The PEX 8524 supports a large number of port configurations.
For example, if you are using the PEX 8524 in a fan-out
application, you may configure the upstream port as x8 and
the downstream ports as four x4 ports; two x8 ports for dual-
graphics fan-out; or other combinations, as long as you don’t
run out of lanes (24) or ports (6). In a peer-to-peer application
you can configure all six ports as x4. Figure 1 shows the most
common port configurations.
Figure 1. Common Port Configurations
Hot Plug for High Availability
Hot plug capability allows users to replace hardware modules
and perform maintenance without powering down the system.
The PEX 8524 hot plug capability and Advanced Error
Reporting features makes it suitable for High Availability
(HA) applications. Each downstream port includes a Standard
Hot Plug Controller. If the PEX 8524 is used in an application
where one or more of its downstream ports connect to PCI
Express slots, each port’s Hot Plug Controller can be used to
manage the hot-plug event of its associated slot. Furthermore,
its upstream port is a hot-plug client, allowing it to be used
on hot-pluggable adapter cards, backplanes, and fabric
modules.
Fully Compliant Power Management
For applications that require power management, the PEX
8524 device supports both link (L0, L0s, L1, L2/L3 Ready,
and L3) and device (D0 and D3hot) power management states,
in compliance with the PCI Express power management
specification.
SerDes Power and Signal Management
The ExpressLane PEX 8524 supports software control
of the SerDes outputs to allow optimization of power
and signal strength in a system. The PLX SerDes
implementation supports four levels of power – off, low,
typical, and high. The SerDes block also supports loop-back
modes and advanced reporting of error conditions, which
enables efficient debug and management of the entire system.
Flexible Virtual Channel Arbitration
The ExpressLane PEX 8524 switches support hardware fixed
and Round Robin arbitration schemes for two virtual
channels on each port. This allows for the fine tuning of
Quality of Service for efficient use of packet buffers and
system bandwidth.
Applications
Suitable for host-centric as well as peer-to-peer traffic
patterns, the PEX 8524 can be configured for a wide variety
of form factors and applications.
Host-Centric Fan-out
The PEX 8524, with its symmetric or asymmetric lane
configuration capability, allows user specific tuning to a
variety of host-centric applications.
Figure 2. Fan-in/out Usage
Figure 2 shows a typical server-based design, where the root
complex provides a PCI Express link that needs to be fanned
into a larger number of smaller ports for a variety of I/O
functions, each with different bandwidth requirements.
In this example, the PEX 8524 would typically have an 8-lane
upstream port, and as many as 5 downstream ports (4 shown
here). The downstream ports can be of differing widths if
required. The figure also shows how some of the ports can be
bridged to provide PCI or PCI-X slots through the use of the
ExpressLane PEX 8114 and PEX 8111 PCIe bridging
devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com