Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8524 Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8524
Description  Flexible & Versatile PCI Express Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8524 Datasheet(HTML) 4 Page - PLX Technology

  PEX8524 Datasheet HTML 1Page - PLX Technology PEX8524 Datasheet HTML 2Page - PLX Technology PEX8524 Datasheet HTML 3Page - PLX Technology PEX8524 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Software Usage Model
From a system model viewpoint, each PCI Express port is a
virtual PCI to PCI bridge device and has its own set of PCI
Express configuration registers. It is through the upstream port
that the BIOS or host can configure the other ports using
standard PCI enumeration. The virtual PCI to PCI bridges
within the PEX 8524 are compliant to the PCI and PCI
Express system models. The Configuration Space Registers
(CSRs) in a virtual primary/secondary PCI to PCI bridge are
accessible by type 0 configuration cycles through the virtual
primary bus interface (matching bus number, device number,
and function number).
Interrupt Sources/Events
The ExpressLane PEX 8524 switch supports the INTx
interrupt message type (compatible with PCI 2.3 Interrupt
signals) or Message Signaled Interrupts (MSI) when enabled.
Interrupts/messages are generated by PEX 8524 for hot plug
events, doorbell interrupts, baseline error reporting, and
advanced error reporting.
Development Tools
PLX offers hardware and software tools to enable rapid
customer design activity. These tools consist of a hardware
module (PEX 8524RDK), hardware documentation, and a
Software Development Kit (SDK).
Figure 8. PEX 8524RDK
ExpressLane PEX 8524RDK
The RDK hardware module includes the PEX 8524 with one
x8 upstream port, one x8 downstream port, and two x4
downstream ports. The upstream port uses a x8 PCI Express
edge connector. PLX offers adapters (x4 and x1) which can be
used to plug the RDK in smaller slots. The PEX 8524RDK
hardware module can be installed in a motherboard, used as a
riser card, or configured as a bench-top board. The PEX
8524RDK can be used to test and validate customer software.
Additionally, it can be used as an evaluation vehicle for PEX
8524 features and benefits.
SDK
The SDK tool set
includes:
- Linux &
Windows drivers
- C/C++ Source
code, Objects,
libraries
- User’s Guides &
Application
examples
\
PLX Technology, Inc.
870 Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com
Product Ordering Information
Part Number
Description
PEX8524-BC25BI
24-Lane, 6-Port PCIe Switch, 644-ball PBGA 31x31mm
2 package
PEX8524-BC25BI G
24-Lane, 6-Port PCIe Switch, 644-ball PBGA 31x31mm
2 package, Pb-free
PEX 8524-BC RDK
PEX 8524 Rapid Development Kit with x8 Edge Connector
x4 Adapter
PCI Express x16 to x4 Adapter
x1 Adapter
PCI Express x16 to x1 Adapter
Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for sampling.
© 2006 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. ExpressLane is a trademark of PLX
Technology, Inc., which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are
acknowledged to be trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX
Technology, Inc. assumes no responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes
in product design or specification.
PEX8524-SIL-PB-P1-1.4
01/07



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com