Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8632 Datasheet(PDF) 2 Page - PLX Technology

Part # PEX8632
Description  PCIe Gen2, 5.0GT/s 32-lane, 12-port Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8632 Datasheet(HTML) 2 Page - PLX Technology

  PEX8632 Datasheet HTML 1Page - PLX Technology PEX8632 Datasheet HTML 2Page - PLX Technology PEX8632 Datasheet HTML 3Page - PLX Technology PEX8632 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary - PLX Confidential
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
CPU
Blade
CPU
Blade
Primary
Host
Primary
Host
CPU
Blade
CPU
Blade
CPU
Blade
CPU
Blade
Primary
Host
Primary
Host
Non-Transparent
Port
PEX 8632
PEX 8632
NT
PEX 8632
PEX 8632
NT
CPU
Blade
CPU
Blade
Secondary
Host
Secondary
Host
CPU
Blade
CPU
Blade
CPU
Blade
CPU
Blade
Secondary
Host
Secondary
Host
Figure 2. Non-Transparent Port
Dual-Host & Failover Support
The PEX 8632 product supports a Non-Transparent
(NT) Port, which enables the implementation of multi-
host systems in communications, storage, and blade
server applications. The NT port allows systems to
isolate host memory domains by presenting the
processor subsystem as an endpoint rather than another
memory system. Base
address registers are used to
translate addresses; doorbell
registers are used to send
interrupts
between the
address
domains; and
scratchpad
registers
(accessible
from both
CPUs) allow
inter-processor
communication (see Figure 2).
Dual Cast
The PEX 8632 supports Dual Cast, a feature which
allows for the copying of data (e.g. packets) from one
ingress port to two egress ports allowing for higher
performance in dual-graphics, storage, security, and
redundant applications.
Read Pacing
The Read Pacing feature allows users to throttle the
amount of read requests being made by downstream
devices. When a downstream device requests several
long reads back-to-back, the Root Complex gets tied up
in serving this downstream port. If this port has a narrow
link and is therefore slow in receiving these read packets
from the Root Complex, then other downstream ports
may become starved – thus, impacting performance. The
Read Pacing feature enhances performances by allowing
for the adequate servicing of all downstream devices.
Hot Plug for High Availability
Hot plug capability allows users to replace hardware
modules and perform maintenance without powering
down the system. The PEX 8632 hot plug capability
feature makes it suitable for High Availability (HA)
applications. Three downstream ports include a
Standard Hot Plug Controller. If the PEX 8632 is used in
an application where one or more of its downstream
ports connect to PCI Express slots, each port’s Hot Plug
Controller can be used to manage the hot-plug event of
its associated slot. Every port on the PEX 8632 is
equipped with a hot-plug control/status register to
support hot-plug capability through external logic via the
I
2C interface.
SerDes Power and Signal Management
The PEX 8632 supports software control of the SerDes
outputs to allow optimization of power and signal
strength in a system. The PLX SerDes implementation
supports four levels of power – off, low, typical, and
high. The SerDes block also supports loop-back modes
and advanced reporting of error conditions, which
enables efficient management of the entire system.
Interoperability
The PEX 8632 is designed to be fully compliant with the
PCI Express Base Specification r2.0, and is backwards
compatible to PCI Express Base Specification r1.1 and
r1.0a. Additionally, it supports auto-negotiation, lane
reversal, and polarity reversal. Furthermore, the PEX
8632 is designed for Microsoft Vista compliance. All
PLX switches undergo thorough interoperability testing
in PLX’s Interoperability Lab and compliance testing
at the PCI-SIG plug-fest.
Applications & Usage Models
Suitable for host-centric as well as peer-to-peer traffic
patterns, the PEX 8632 can be configured for a broad
range of form factors and applications.
Host Centric Fan-out
The PEX 8632, with its symmetric or asymmetric lane
configuration capability, allows user-specific tuning to a
variety of host-centric applications. Figure 3 shows a
typical server-based design where the root complex
provides a PCI Express link that needs to be expanded to
a larger number of smaller ports for a variety of I/O
functions. In this example, the PEX 8632 has an 8-lane
upstream port, and four downstream ports using a
combination of x4 and x8 links.
CPU
CPU
CPU
CPU
CPU
CPU
CPU
CPU
PEX 8632
PEX 8632
PEX 8632
PEX 8632
x8
x4
Memory
Memory
Memory
Memory
x8
x8
x4
x8
x4
Endpoint
Endpoint
Endpoint
Endpoint
Chipset
Chipset
Chipset
Chipset
Endpoint
Endpoint
Endpoint
Endpoint
Figure 3. Fan-in/out Usage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com