Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8632 Datasheet(PDF) 3 Page - PLX Technology

Part # PEX8632
Description  PCIe Gen2, 5.0GT/s 32-lane, 12-port Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8632 Datasheet(HTML) 3 Page - PLX Technology

  PEX8632 Datasheet HTML 1Page - PLX Technology PEX8632 Datasheet HTML 2Page - PLX Technology PEX8632 Datasheet HTML 3Page - PLX Technology PEX8632 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary - PLX Confidential
Backwards Compatibility with PCIe Gen1
The PEX 8632 enables a PCIe Gen2 native chipset to
create PCIe Gen1 (2.5 Gbps) slots and/or communicate
with PCIe Gen1 endpoints. The PEX 8632 is backwards
compatible with PCIe Gen1 devices and will
automatically negotiate down to Gen1 bit-rates (2.5
Gpbs) when connected to a Gen1 endpoint. In Figure 3,
the PCIe slots connected to the PEX 8632’s downstream
ports can be populated with either PCIe Gen1 or PCIe
Gen 2 devices. Conversely, the PEX 8632 can be used to
create Gen 2 slots on a Gen 1 native Chip Set in the
same fashion.
CPU
CPU
CPU
CPU
CPU
CPU
CPU
CPU
x8
Four x4 Gen1 slots
Graphics Slot
PEX 8632
PEX 8632
PEX 8632
PEX 8632
Endpoint
Endpoint
Endpoint
Endpoint
x16
Memory
Memory
Memory
Memory
Endpoint
Endpoint
Endpoint
Endpoint
Gen2
Chipset
Gen2
Chipset
x4
x4
Figure 4. Creating PCIe Gen1 Slots
Backplane Communication
The PEX 8632 is also well suited for backplane
applications demanding a large number of ports. Figure
5 represents an ATCA or MicroTCA backplane
application with two switch fabric blades and multiple
AMC blades. In this example, two PEX 8632s provide
peer-to-peer data exchange for up to 20 AMC blades
connecting to the switch fabric. The PEX 8632 utilizes
its NT port to isolate the hosts on the switch fabrics and
the remaining 10 downstream ports on each switch are
used to fan-out to the 20 AMC blades (or 10 AMC
Carrier Modules).
20 AMC Blades
Fabric
To
Backplane
To other
Fabric
PEX 8632
PEX 8632
PEX 8632
PEX 8632
PEX 8632
PEX 8632
PEX 8632
PEX 8632
NT
CPU
Figure 5. ATCA/MicroTCA Backplane Usage
Failover Storage Systems with Dual Cast
The PEX 8632’s Dual Cast feature proves to be very
useful in storage systems. In the example shown in
Figure 6, the Dual Cast feature enables the PEX 8632 to
copy data coming from the host to two downstream ports
(see yellow traffic patterns) in one transaction as
opposed to having to execute two separate transactions
to send data to the redundant chassis. By offloading the
task of backing up data onto the secondary system,
processor and system performance is enhanced. The
PEX 8632’s NT port is used to isolate the backup system
from the primary system.
x8
CPU
CPU
CPU
CPU
CPU
CPU
CPU
CPU
Memory
Memory
Memory
Memory
Chipset
Chipset
Chipset
Chipset
CPU
CPU
CPU
CPU
CPU
CPU
CPU
CPU
PEX 8632
PEX 8632
PEX 8632
PEX 8632
x8
PEX 8632
PEX 8632
PEX 8632
PEX 8632
NT
Memory
Memory
Memory
Memory
Chipset
Chipset
Chipset
Chipset
8 Disk Chassis
PEX 8616
PEX 8616
PEX 8616
PEX 8616
8 Disk Chassis
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
NT
PEX 8616
PEX 8616
NT
PEX 8616
PEX 8616
PEX 8616
PEX 8616
NT
x8
x8
x8
x8
x8
x4
x4
x4
x4
Backup
System
Figure 6. Dual Cast in Storage Systems



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com