Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8648 Datasheet(PDF) 3 Page - PLX Technology

Part # PEX8648
Description  PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8648 Datasheet(HTML) 3 Page - PLX Technology

  PEX8648 Datasheet HTML 1Page - PLX Technology PEX8648 Datasheet HTML 2Page - PLX Technology PEX8648 Datasheet HTML 3Page - PLX Technology PEX8648 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary - PLX Confidential
CPU
CPU
CPU
CPU
CPU
CPU
CPU
CPU
x16
x4
Memory
Memory
Memory
Memory
x8
x8
x16
x16
x4
Endpoint
Endpoint
Endpoint
Endpoint
Chipset
Chipset
Chipset
Chipset
Endpoint
Endpoint
Endpoint
Endpoint
PCIe Gen1 or PCIe Gen2 slots
x8
PEX 8648
PEX 8648
PEX 8648
PEX 8648
Figure 3. Fan-in/out Usage
Communications Systems
The PEX 8648 can also be utilized in communications
applications. Figure 4 shows a PEX 8648 being used in a
router to connect multiple endpoints in a line card to the
control module using PowerPC. The link-widths for each
module can be configured as required. The peer-to-peer
communication feature of the PEX 8648 allows the
endpoints to communicate with each other without any
intervention or management by the host.
Memory
Memory
Memory
Memory
PowerPC
PowerPC
PowerPC
PowerPC
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
Control
Module
Line Card
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
PEX 8648
PEX 8648
PEX 8648
PEX 8648
x8 or x4
Figure 4. Router Usage
Backplane Communication
With 48 lanes and 12 ports, the PEX 8648 is well suited
for backplane applications requiring high connectivity (a
large number of ports). Figure 5 represents an ATCA or
MicroTCA backplane application with two switch fabric
blades and multiple AMC blades. In this example, two
PEX 8648s provide peer-to-peer data exchange for up to
20 AMC blades connecting to the switch fabric. The
PEX 8648 utilizes its NT port to isolate the hosts on the
switch fabrics and the remaining 10 downstream ports
on each switch are used to fan-out to the 20 AMC blades
(or 10 AMC Carrier Modules).
10-20 AMC or 10 AMC
Carrier Modules
Fabric
To
Backplane
To other
Fabric
PEX 8648
PEX 8648
PEX 8648
PEX 8648
PEX 8648
PEX 8648
PEX 8648
PEX 8648
NT
CPU
Figure 5. ATCA/MicroTCA Backplane Usage
Fail-Over Storage Systems with Dual Cast
The PEX 8648’s Dual Cast feature proves to be very
useful in storage systems. In the example shown in
Figure 6, the Dual Cast feature enables the PEX 8648 to
copy data coming from the host to two downstream ports
(see yellow traffic patterns) in one transaction as
opposed to having to execute two separate transactions
to send data to the redundant chassis. By offloading the
task of backing up data onto the secondary system,
processor and system performance is enhanced. The
PEX 8648’s NT port is used to isolate the backup system
from the primary system.
8 Disk Chassis
FC
FC
x4
x4
FC
FC
8 Disk Chassis
FC
FC
x4
x4
FC
FC
8 Disk Chassis
FC
FC
x4
x4
FC
FC
8 Disk Chassis
FC
FC
x4
x4
FC
FC
x8
CPU
CPU
CPU
CPU
CPU
CPU
CPU
CPU
Memory
Memory
Memory
Memory
Chipset
Chipset
Chipset
Chipset
CPU
CPU
CPU
CPU
CPU
CPU
CPU
CPU
x8
Memory
Memory
Memory
Memory
Chipset
Chipset
Chipset
Chipset
x8
Backup
System
PEX 8648
PEX 8648
PEX 8648
PEX 8648
PEX 8648
PEX 8648
PEX 8648
PEX 8648
NT
PEX 8616
PEX 8616
NT
PEX 8616
PEX 8616
PEX 8616
PEX 8616
NT
PEX 8616
PEX 8616
NT
PEX 8616
PEX 8616
PEX 8616
PEX 8616
NT
PEX 8616
PEX 8616
NT
PEX 8616
PEX 8616
PEX 8616
PEX 8616
NT
PEX 8616
PEX 8616
NT
PEX 8616
PEX 8616
PEX 8616
PEX 8616
NT
All
x8s
All
x8s
Figure 6. Dual Cast in Storage Systems



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com