Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8648 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8648
Description  PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8648 Datasheet(HTML) 1 Page - PLX Technology

  PEX8648 Datasheet HTML 1Page - PLX Technology PEX8648 Datasheet HTML 2Page - PLX Technology PEX8648 Datasheet HTML 3Page - PLX Technology PEX8648 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary - PLX Confidential
PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
Features
PEX 8648 General Features
o
48-lane, 12-port PCIe Gen2 switch
-
Integrated 5.0 GT/s SerDes
o
27 x 27mm
2, 676-pin FCBGA package
o
Typical Power: < 7.0 Watts
PEX 8648 Key Features
o
Standards Compliant
-
PCI Express Base Specification, r2.0
(backwards compatible w/ PCIe r1.0a/1.1)
-
PCI Power Management Spec, r1.2
-
Microsoft Vista Compliant
-
Supports Access Control Services
-
Dynamic link-width control
-
Dynamic SerDes speed control
o
High Performance
-
Non-blocking switch fabric
-
Full line rate on all ports
-
Packet Cut-Thru with 140ns max packet
latency (x16 to x16)
-
2KB Max Payload Size
-
Read Pacing (bandwidth throttling)
-
Dual-Cast
o
Flexible Configuration
-
Ports configurable as x1, x2, x4, x8, x16
-
Registers configurable with strapping
pins, EEPROM, I
2C, or host software
-
Lane and polarity reversal
-
Compatible with PCIe 1.0a PM
o
Dual-Host & Fail-Over Support
-
Configurable Non-Transparent port
-
Moveable upstream port
-
Crosslink port capability
o
Quality of Service (QoS)
-
Eight traffic classes per port
-
Weighted round-robin source
port arbitration
o
Reliability, Availability, Serviceability
-
3 Hot Plug Ports with native HP Signals
-
All ports hot plug capable thru I
2C
(Hot Plug Controller on every port)
-
ECRC and Poison bit support
-
Data Path parity
-
Memory (RAM) Error Correction
-
INTA# and FATAL_ERR# signals
-
Advanced Error Reporting
-
Port Status bits and GPIO available
-
Per port error diagnostics
-
Performance Monitoring
• Per port payload & header counters
-
JTAG AC/DC boundary scan
The ExpressLane
TM PEX 8648 device offers PCI Express switching
capability enabling users to add scalable high bandwidth, non-blocking
interconnection to a wide variety of applications including servers, storage
systems, and communications platforms. The PEX 8648 is well suited for
fan-out, aggregation, and peer-to-peer applications.
High Performance & Low Packet Latency
The PEX 8648 architecture supports packet cut-thru with a maximum
latency of 140ns (x16 to x16). This, combined with large packet memory
and non-blocking internal switch architecture, provides full line rate on all
ports for performance-hungry applications such as servers and switch
fabrics. The low latency enables applications to achieve high throughput and
performance. In addition to low latency, the device supports a packet payload
size of up to 2048 bytes, enabling the user to achieve even higher throughput.
Data Integrity
The PEX 8648 provides end-to-end CRC (ECRC) protection and Poison bit
support to enable designs that require end-to-end data integrity. PLX also
supports data path parity and memory (RAM) error correction as packets
pass through the switch.
Flexible Register & Port Configuration
The PEX 8648’s 12 ports can be configured to lane widths of x1, x2, x4, x8,
or x16. Flexible buffer allocation, along with the device's flexible packet
flow control, maximizes throughput for applications where more traffic
flows in the downstream, rather than upstream, direction. Any port can be
designated as the upstream port, which can be changed dynamically. The
PEX 8648 also
provides several ways
to configure its
registers. The device
can be configured
through strapping pins,
I
2C interface, host
software, or an optional
serial EEPROM. This
allows for easy debug
during the development
phase, performance
monitoring during the
operation phase, and
driver or software
upgrade. Figure 1
shows some of the PEX
8648’s common port
configurations.
PEX 8648
Version 0.8 2007
Figure 1. Common Port Configurations
PEX 8648
PEX 8648
PEX 8648
PEX 8648
x4
PEX 8648
PEX 8648
PEX 8648
PEX 8648
x8
PEX 8648
PEX 8648
PEX 8648
PEX 8648
x8
PEX 8648
PEX 8648
PEX 8648
PEX 8648
x8
11 x4
4 x4
3 x8
10 x4
4 x4
2 x8


Similar Part No. - PEX8648

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8648 AVAGO-PEX8648 Datasheet
254Kb / 4P
PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
More results

Similar Description - PEX8648

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8612 PLX-PEX8612 Datasheet
183Kb / 4P
PCIe Gen2, 5.0GT/s 12-lane, 3-port Switch
PEX8616 PLX-PEX8616 Datasheet
199Kb / 4P
PCIe Gen2, 5.0GT/s 16-lane, 4-port Switch
PEX8624 PLX-PEX8624 Datasheet
219Kb / 4P
PCIe Gen2, 5.0GT/s 24-lane, 6-port Switch
PEX8632 PLX-PEX8632 Datasheet
203Kb / 4P
PCIe Gen2, 5.0GT/s 32-lane, 12-port Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8612 AVAGO-PEX8612 Datasheet
196Kb / 4P
PCIe Gen2, 5.0GT/s 12-lane, 3-port Switch
PEX8616 AVAGO-PEX8616 Datasheet
215Kb / 4P
PCIe Gen2, 5.0GT/s 16-lane, 4-port Switch
PEX8624 AVAGO-PEX8624 Datasheet
223Kb / 4P
PCIe Gen2, 5.0GT/s 24-lane, 6-port Switch
PEX8632 AVAGO-PEX8632 Datasheet
227Kb / 4P
PCIe Gen2, 5.0GT/s 32-lane, 12-port Switch
PEX8648 AVAGO-PEX8648 Datasheet
254Kb / 4P
PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
logo
Renesas Technology Corp
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com