Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9535C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9535C
Description  16-bit I2C-bus and SMBus, low power I/O port with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535C Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9535C Datasheet HTML 1Page - NXP Semiconductors PCA9535C Datasheet HTML 2Page - NXP Semiconductors PCA9535C Datasheet HTML 3Page - NXP Semiconductors PCA9535C Datasheet HTML 4Page - NXP Semiconductors PCA9535C Datasheet HTML 5Page - NXP Semiconductors PCA9535C Datasheet HTML 6Page - NXP Semiconductors PCA9535C Datasheet HTML 7Page - NXP Semiconductors PCA9535C Datasheet HTML 8Page - NXP Semiconductors PCA9535C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
PCA9535_PCA9535C_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 4 October 2007
2 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
I No glitch on power-up
I Internal power-on reset
I 16 I/O pins which default to 16 inputs
I 0 Hz to 400 kHz clock frequency
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Offered in four different packages: SO24, TSSOP24, HVQFN24 and HWQFN24
3.
Ordering information
3.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA9535D
SO24
plastic small outline package; 24 leads;
body width 7.5 mm
SOT137-1
PCA9535PW
TSSOP24
plastic thin shrink small outline package; 24 leads; body
width 4.4 mm
SOT355-1
PCA9535BS
HVQFN24
plastic thermal enhanced very thin quad flat package;
no leads; 24 terminals; body 4
× 4 × 0.85 mm
SOT616-1
PCA9535HF
HWQFN24 plastic thermal enhanced very very thin quad flat
package; no leads; 24 terminals; body 4
× 4 × 0.75 mm
SOT994-1
PCA9535CD
SO24
plastic small outline package; 24 leads;
body width 7.5 mm
SOT137-1
PCA9535CPW TSSOP24
plastic thin shrink small outline package; 24 leads; body
width 4.4 mm
SOT355-1
PCA9535CHF
HWQFN24 plastic thermal enhanced very very thin quad flat
package; no leads; 24 terminals; body 4
× 4 × 0.75 mm
SOT994-1
Table 2.
Ordering options
Type number
Topside mark
Temperature range
PCA9535D
PCA9535D
Tamb = −40 °C to +85 °C
PCA9535PW
PCA9535PW
Tamb = −40 °C to +85 °C
PCA9535BS
9535
Tamb = −40 °C to +85 °C
PCA9535HF
P35H
Tamb = −40 °C to +85 °C
PCA9535CD
PCA9535CD
Tamb = −40 °C to +85 °C
PCA9535CPW
PCA9535C
Tamb = −40 °C to +85 °C
PCA9535CHF
P35C
Tamb = −40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com