Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9535C Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9535C
Description  16-bit I2C-bus and SMBus, low power I/O port with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535C Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9535C Datasheet HTML 17Page - NXP Semiconductors PCA9535C Datasheet HTML 18Page - NXP Semiconductors PCA9535C Datasheet HTML 19Page - NXP Semiconductors PCA9535C Datasheet HTML 20Page - NXP Semiconductors PCA9535C Datasheet HTML 21Page - NXP Semiconductors PCA9535C Datasheet HTML 22Page - NXP Semiconductors PCA9535C Datasheet HTML 23Page - NXP Semiconductors PCA9535C Datasheet HTML 24Page - NXP Semiconductors PCA9535C Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PCA9535_PCA9535C_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 4 October 2007
21 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
12. Test information
RL = load resistor.
CL = load capacitance includes jig and probe capacitance.
RT = termination resistance should be equal to the output impedance of Zo of the pulse
generators.
Fig 23. Test circuitry for switching times
Fig 24. Load circuit
PULSE
GENERATOR
VO
CL
50 pF
RL
500
Ω
002aab284
RT
VI
VDD
DUT
VDD
open
GND
CL
50 pF
002aac226
RL
500
Ω
from output under test
2VDD
open
GND
S1
RL
500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com