Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV102 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAV102
Description  Single general-purpose switching diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV102 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAV102 Datasheet HTML 1Page - NXP Semiconductors BAV102 Datasheet HTML 2Page - NXP Semiconductors BAV102 Datasheet HTML 3Page - NXP Semiconductors BAV102 Datasheet HTML 4Page - NXP Semiconductors BAV102 Datasheet HTML 5Page - NXP Semiconductors BAV102 Datasheet HTML 6Page - NXP Semiconductors BAV102 Datasheet HTML 7Page - NXP Semiconductors BAV102 Datasheet HTML 8Page - NXP Semiconductors BAV102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BAV102_BAV103_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 16 August 2007
3 of 10
NXP Semiconductors
BAV102; BAV103
Single general-purpose switching diodes
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Tj =25 °C prior to surge.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
When switched from IF = 30 mA to IR = 30 mA; RL = 100 Ω; measured at IR = 3 mA.
IFSM
non-repetitive peak
forward current
square wave
[3]
tp =1 µs-
9
A
tp = 100 µs-
3
A
tp =1s
-
1
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[2] -
400
mW
Tj
junction temperature
-
175
°C
Tamb
ambient temperature
−65
+175
°C
Tstg
storage temperature
−65
+175
°C
Table 6.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
375
K/W
Rth(j-t)
thermal resistance from
junction to tie-point
-
-
300
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
[1]
IF = 100 mA
-
-
1.0
V
IF = 200 mA
-
-
1.25
V
IR
reverse current
BAV102
VR = 150 V
-
-
100
nA
VR = 150 V; Tj = 150 °C
-
-
100
µA
BAV103
VR = 200 V
-
-
100
nA
VR = 200 V; Tj = 150 °C
-
-
100
µA
Cd
diode capacitance
f = 1 MHz; VR =0V
-
-
5
pF
trr
reverse recovery time
[2] --50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com