Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV102 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAV102
Description  Single general-purpose switching diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV102 Datasheet(HTML) 1 Page - NXP Semiconductors

  BAV102 Datasheet HTML 1Page - NXP Semiconductors BAV102 Datasheet HTML 2Page - NXP Semiconductors BAV102 Datasheet HTML 3Page - NXP Semiconductors BAV102 Datasheet HTML 4Page - NXP Semiconductors BAV102 Datasheet HTML 5Page - NXP Semiconductors BAV102 Datasheet HTML 6Page - NXP Semiconductors BAV102 Datasheet HTML 7Page - NXP Semiconductors BAV102 Datasheet HTML 8Page - NXP Semiconductors BAV102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
Single general-purpose switching diodes, fabricated in planar technology, and
encapsulated in small hermetically sealed glass SOD80C Surface-Mounted
Device (SMD) packages.
1.2 Features
1.3 Applications
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[3]
When switched from IF = 30 mA to IR = 30 mA; RL = 100 Ω; measured at IR = 3 mA.
BAV102; BAV103
Single general-purpose switching diodes
Rev. 03 — 16 August 2007
Product data sheet
Table 1.
Product overview
Type number
Package
Configuration
NXP
JEITA
BAV102
SOD80C
-
single
BAV103
I High switching speed: trr ≤ 50 ns
I Low capacitance: Cd ≤ 5pF
I Low leakage current
I Small hermetically sealed glass SMD
package
I High-speed switching
I Voltage clamping
I General-purpose switching
I Reverse polarity protection
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
[1][2] -
-
250
mA
VR
reverse voltage
BAV102
-
-
150
V
BAV103
-
-
200
V
trr
reverse recovery time
[3] --50
ns


Similar Part No. - BAV102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV102 PHILIPS-BAV102 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Vishay Siliconix
BAV102 VISHAY-BAV102 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Fairchild Semiconductor
BAV102 FAIRCHILD-BAV102 Datasheet
26Kb / 3P
High Voltage, General Purpose Diode
logo
Diodes Incorporated
BAV102 DIODES-BAV102 Datasheet
58Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS12017 Rev. J-2
logo
General Semiconductor
BAV102 GE-BAV102 Datasheet
144Kb / 4P
Small Signal Diodes
More results

Similar Description - BAV102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
General Purpose Diodes
logo
Continental Device Indi...
CS1553 CDIL-CS1553 Datasheet
90Kb / 3P
SILICON GENERAL PURPOSE SWITCHING DIODES AXIAL LEAD
logo
NXP Semiconductors
BAV102 NXP-BAV102_10 Datasheet
121Kb / 11P
Single general-purpose switching diodes
Rev. 4-6 August 2010
logo
New Jersey Semi-Conduct...
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
General Purpose Diodes
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
BAV102_BAV103 PHILIPS-BAV102_BAV103_15 Datasheet
121Kb / 11P
Single general-purpose switching diodes
Rev. 4-6 August 2010
logo
Nexperia B.V. All right...
BAV102 NEXPERIA-BAV102 Datasheet
796Kb / 11P
Single general-purpose switching diodes
Rev. 4 - 6 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com