Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF908 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF908
Description  Dual-gate MOS-FETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF908 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF908 Datasheet HTML 1Page - NXP Semiconductors BF908 Datasheet HTML 2Page - NXP Semiconductors BF908 Datasheet HTML 3Page - NXP Semiconductors BF908 Datasheet HTML 4Page - NXP Semiconductors BF908 Datasheet HTML 5Page - NXP Semiconductors BF908 Datasheet HTML 6Page - NXP Semiconductors BF908 Datasheet HTML 7Page - NXP Semiconductors BF908 Datasheet HTML 8Page - NXP Semiconductors BF908 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NXP Semiconductors
Product specification
Dual-gate MOS-FETs
BF908; BF908R
FEATURES
• High forward transfer admittance
• Short channel transistor with high forward transfer
admittance to input capacitance ratio
• Low noise gain controlled amplifier up to 1 GHz.
APPLICATIONS
• VHF and UHF applications with 12 V supply voltage,
such as television tuners and professional
communications equipment.
DESCRIPTION
Depletion type field-effect transistor in a plastic
microminiature SOT143 or SOT143R package. The
transistors are protected against excessive input voltage
surges by integrated back-to-back diodes between gates
and source.
PINNING
CAUTION
The device is supplied in an antistatic package. The
gate-source input must be protected against static
discharge during transport or handling.
PIN
SYMBOL
DESCRIPTION
1
s, b
source
2
d
drain
3g2
gate 2
4g1
gate 1
Fig.1
Simplified outline (SOT143) and
symbol; BF908.
handbook, halfpage
s,b
d
g
1
g
2
43
2
1
Top view
BF908 marking code:
%M1.
MAM039
Fig.2
Simplified outline (SOT143R) and
symbol; BF908R.
handbook, halfpage
s,b
d
g
1
g
2
MAM040
34
1
2
Top view
BF908R marking code:
%M2.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage
−−
12
V
ID
drain current
−−
40
mA
Ptot
total power dissipation
−−
200
mW
Tj
operating junction temperature
−−
150
°C
yfs
forward transfer admittance
36
43
50
mS
Cig1-s
input capacitance at gate 1
2.4
3.1
4
pF
Crs
reverse transfer capacitance
f = 1 MHz
20
30
45
pF
F
noise figure
f = 800 MHz
−
1.5
2.5
dB
Rev. 03 - 14 November 2007
2 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com