Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF908 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BF908
Description  Dual-gate MOS-FETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF908 Datasheet(HTML) 5 Page - NXP Semiconductors

  BF908 Datasheet HTML 1Page - NXP Semiconductors BF908 Datasheet HTML 2Page - NXP Semiconductors BF908 Datasheet HTML 3Page - NXP Semiconductors BF908 Datasheet HTML 4Page - NXP Semiconductors BF908 Datasheet HTML 5Page - NXP Semiconductors BF908 Datasheet HTML 6Page - NXP Semiconductors BF908 Datasheet HTML 7Page - NXP Semiconductors BF908 Datasheet HTML 8Page - NXP Semiconductors BF908 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NXP Semiconductors
Product specification
Dual-gate MOS-FETs
BF908; BF908R
Fig.4 Transfer characteristics; typical values.
VDS = 8 V; Tj =25 °C.
handbook, halfpage
−0.6
−0.4
0
0.2
−0.2
0.4
VG1-S (V)
3 V
2 V
1.5 V
0.5 V
0 V
0.6
40
30
10
0
20
MRC281
VG2-S = 4 V
1 V
ID
(mA)
Fig.5 Output characteristics; typical values.
VG2-S = 4 V; Tj =25 °C.
handbook, halfpage
048
16
30
10
0
20
MRC282
12
VDS (V)
ID
(mA)
0.2 V
0.1 V
0 V
−0.3 V
−0.2 V
−0.1 V
VG1-S = 0.3 V
Fig.6
Forward transfer admittance as a function
of drain current; typical values.
VDS = 8 V; Tj =25 °C.
0
10
20
30
40
50
0
5
10
15
20
25
0.5 V
1 V
1.5 V
2 V
3 V
4 V
VG2-S = 0 V
Yfs
(mS)
ID (mA)
MRC280
Fig.7
Forward transfer admittance as a function
of junction temperature; typical values.
0
20
40
60
0
40
80
120
160
40
Yfs
(mS)
T
j
( C)
o
MRC276
VDS = 8 V; VG2-S = 4 V; ID =15mA.
Rev. 03 - 14 November 2007
5 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com