Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC573D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ALVC573D
Description  Octal D-type transparent latch; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC573D Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVC573D Datasheet HTML 1Page - NXP Semiconductors 74ALVC573D Datasheet HTML 2Page - NXP Semiconductors 74ALVC573D Datasheet HTML 3Page - NXP Semiconductors 74ALVC573D Datasheet HTML 4Page - NXP Semiconductors 74ALVC573D Datasheet HTML 5Page - NXP Semiconductors 74ALVC573D Datasheet HTML 6Page - NXP Semiconductors 74ALVC573D Datasheet HTML 7Page - NXP Semiconductors 74ALVC573D Datasheet HTML 8Page - NXP Semiconductors 74ALVC573D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74ALVC573 is an octal D-type transparent latch featuring separate D-type inputs for
each latch and 3-state true outputs for bus-oriented applications. A latch enable (LE) input
and an outputs enable (OE) input are common to all latches.
When pin LE is HIGH, data at the D-inputs (pins D0 to D7) enters the latches. In this
condition, the latches are transparent, that is, a latch output will change each time its
corresponding D-input changes. When pin LE is LOW, the latches store the information
that was present at the D-inputs one set-up time preceding the HIGH-to-LOW transition of
pin LE.
When pin OE is LOW, the contents of the eight latches are available at the Q-outputs (pins
Q0 to Q7). When pin OE is HIGH, the outputs go to the high-impedance OFF-state.
Operation of input pin OE does not affect the state of the latches.
The 74ALVC573 is functionally identical to the 74ALVC373, but has a different pin
arrangement.
2.
Features
s Wide supply voltage range from 1.65 V to 3.6 V
s 3.6 V tolerant inputs/outputs
s CMOS low power consumption
s Direct interface with TTL levels (2.7 V to 3.6 V)
s Power-down mode
s Latch-up performance exceeds 250 mA
s Complies with JEDEC standards:
x JESD8-7 (1.65 V to 1.95 V)
x JESD8-5 (2.3 V to 2.7 V)
x JESD8B/JESD36 (2.7 V to 3.6 V)
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A 115-A exceeds 200 V
74ALVC573
Octal D-type transparent latch; 3-state
Rev. 03 — 26 October 2007
Product data sheet


Similar Part No. - 74ALVC573D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC573D PHILIPS-74ALVC573D Datasheet
108Kb / 20P
Octal D-type transparent latch 3-state
2003 Jun 25
logo
Nexperia B.V. All right...
74ALVC573D NEXPERIA-74ALVC573D Datasheet
268Kb / 16P
Octal D-type transparent latch; 3-state
Rev. 4 - 30 April 2021
More results

Similar Description - 74ALVC573D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
Octal D-type transparent latch 3-state
2003 Jun 25
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
Octal D-type transparent latch; 3-state
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
Octal D-type transparent latch (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com