Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6027SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM6027SC
Description  POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-258AA SIZE 6 DIE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM6027SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM6027SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM6027SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM6027SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM6027SC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.1 - 97
3.1
400V Thru 1000V, Up To 26 Amp N-Channel,
Size 6 MOSFETs, High Energy Capability
4 11 R2
Supersedes 1 07 R1
POWER MOSFETS IN HERMETIC
ISOLATED JEDEC TO-258AA SIZE 6 DIE
FEATURES
• Isolated Hermetic Metal Package
• Size 6 Die, High Energy
• Fast Switching, Low Drive Current
• Ease of Paralleling For Added Power
• Low RDS(on)
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of hermetically packaged products feature the latest advanced MOSFET
and packaging technology. They are ideally suited for Military requirements where
small size, high performance and high reliability are required, and in applications such
as switching power supplies, motor controls, inverters, choppers, audio amplifiers and
high energy pulse circuits. This series also features avalanche high energy capability
at elevated temperatures.
MAXIMUM RATINGS
PART NUMBER
V
DS
R
DS(ON)
I
D (Amp)
OM6025SC/OM6032SC
400
.20
24
OM6026SC/OM6031SC
500
.27
22
OM6027SC/OM6028SC
1000
1.30
10
SCHEMATIC
OM6027SC
OM6028SC
OM6031SC
OM6032SC
OM6025SC
OM6026SC


Similar Part No. - OM6027SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6020SA ETC-OM6020SA Datasheet
44Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE
logo
International Rectifier
OM6021SC IRF-OM6021SC Datasheet
11Kb / 1P
100V Thru 500V, Up To 35 Amp, N-Channel Power MOSFETs In JEDEC TO-259AA Package
OM6022SC IRF-OM6022SC Datasheet
11Kb / 1P
100V Thru 500V, Up To 35 Amp, N-Channel Power MOSFETs In JEDEC TO-259AA Package
OM6023SC IRF-OM6023SC Datasheet
11Kb / 1P
100V Thru 500V, Up To 35 Amp, N-Channel Power MOSFETs In JEDEC TO-259AA Package
OM6024SC IRF-OM6024SC Datasheet
11Kb / 1P
100V Thru 500V, Up To 35 Amp, N-Channel Power MOSFETs In JEDEC TO-259AA Package
More results

Similar Description - OM6027SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
logo
International Rectifier
OM6025SA IRF-OM6025SA Datasheet
50Kb / 4P
POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-254AA SIZE 6 DIE
logo
List of Unclassifed Man...
OM5204SC ETC1-OM5204SC Datasheet
35Kb / 2P
HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
OM6009SA ETC2-OM6009SA Datasheet
47Kb / 4P
POWER MOSFETS IN HERMETIC ISOLATED
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
OM7608SC ETC2-OM7608SC Datasheet
32Kb / 4P
ISOLATED HERMETIC TO-258AA FIXED VOLTAGE REGULATORS
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
logo
International Rectifier
OM7662SC IRF-OM7662SC_15 Datasheet
40Kb / 4P
Isolated Hermetic Package. JEDEC TO-258AA Outline
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com