Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBP-120WM Datasheet(PDF) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBP-120WM
Description  2M H.265 IR Dome Camera
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.

SBP-120WM Datasheet(HTML) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

  SBP-120WM Datasheet HTML 1Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-120WM Datasheet HTML 2Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-120WM Datasheet HTML 3Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-120WM Datasheet HTML 4Page - Hanwha Vision Co., Ltd. All rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QND-6030R
Design and specifications are subject to change without notice. The latest product information / specification can be found at HanwhaVision.com.
Hanwha Vision is formerly known as Hanwha Techwin.
© Hanwha Vision CO., LTD.
All rights reserved.
2/4
QND-6030R
2M H.265 IR Dome Camera
Specifications
Video
Imaging Device
1/2.9" 2MP CMOS
Resolution
1920x1080, 1280x1024, 1280x960, 1280x720, 1024x768, 800x600, 720x576, 720x480, 640x480,
320x240
Max. Framerate
H.265/H.264: Max. 30fps/25fps(60Hz/50Hz)
MJPEG: Max. 15fps/12fps(60Hz/50Hz)
Min. Illumination
Color: 0.15Lux(F1.8, 1/30sec)
BW: 0Lux(IR LED on)
Lens
Focal Length (Zoom Ratio)
6.0mm fixed focal
Max. Aperture Ratio
F1.8
Angular Field of View
H: 52.5° / V: 28.9° / D: 61.1°
Focus Control
Fixed
Pan / Tilt / Rotate
Pan / Tilt / Rotate Range
0°~350° / 0°~67° / 0°~355°
Operational
Camera Title
Displayed up to 20 characters per line(Max.5 lines)
Day & Night
Auto(ICR)
Backlight Compensation
BLC, WDR, SSDR
Wide Dynamic Range
120dB
Digital Noise Reduction
SSNR
Motion Detection
4ea, polygonal zones
Privacy Masking
6ea, rectangular zones
Gain Control
Low / Middle / High
White Balance
ATW / AWC / Manual / Indoor / Outdoor
LDC
Support
Electronic Shutter Speed
Minimum / Maximum / Anti flicker
Video Rotation
Flip, Mirror, Hallway view(90°/270°)
Analytics
Defocus detection, Motion detection, Tampering
Alarm I/O
Input 1ea / Output 1ea
Alarm Triggers
Analytics, Network disconnect, Alarm input
Alarm Events
File upload via FTP and e-mail
Notification via e-mail
SD/SDHC/SDXC or NAS recording at event triggers
Alarm output
Audio In
Built-in mic
IR Viewable Length
20m(65.62ft)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com