Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBP-120WM Datasheet(PDF) 3 Page - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBP-120WM
Description  2M H.265 IR Dome Camera
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.

SBP-120WM Datasheet(HTML) 3 Page - Hanwha Vision Co., Ltd. All rights Reserved.

  SBP-120WM Datasheet HTML 1Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-120WM Datasheet HTML 2Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-120WM Datasheet HTML 3Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-120WM Datasheet HTML 4Page - Hanwha Vision Co., Ltd. All rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
QND-6030R
Design and specifications are subject to change without notice. The latest product information / specification can be found at HanwhaVision.com.
Hanwha Vision is formerly known as Hanwha Techwin.
© Hanwha Vision CO., LTD.
All rights reserved.
3/4
Network
Ethernet
RJ-45(10/100BASE-T)
Video Compression
H.265/H.264, MJPEG
Audio Compression
G.711 u-law /G.726 Selectable
G.726(ADPCM) 8KHz, G.711 8KHz
G.726: 16Kbps, 24Kbps, 32Kbps, 40Kbps
Smart Codec
WiseStreamⅠ
Bitrate Control
H.264/H.265: CBR or VBR
MJPEG: VBR
Streaming
Unicast(6 users) / Multicast
Multiple streaming(Up to 3 profiles)
Protocol
IPv4, IPv6, TCP/IP, UDP/IP, RTP(UDP), RTP(TCP), RTCP, RTSP, NTP, HTTP, HTTPS, SSL/TLS, DHCP, FTP,
SMTP, ICMP, IGMP, SNMPv1/v2c/v3(MIB-2), ARP, DNS, DDNS, QoS, PIM-SM, UPnP, Bonjour
Security
HTTPS(SSL) Login Authentication
Digest Login Authentication
IP Address Filtering
User access log
802.1X Authentication(EAP-TLS, EAP-LEAP)
Application Programming Interface
ONVIF Profile S/G
SUNAPI(HTTP API)
General
Web Viewer
Supported OS: Windows 7, 8.1, 10, Mac OS X 10.10, 10.11, 10.12
Recommended Browser: Google Chrome
Supported Browser: MS Explorer11, MS Edge, Mozilla Firefox(Windows 64bit only), Apple Safari(Mac
OS X only)
Edge Storage
Micro SD/SDHC/SDXC 1slot 128GB
Memory
256MB RAM, 256MB Flash
Environmental & Electrical
Operating Temperature / Humidity
-10°C ~ +55°C(14°F ~ +131°F) / Less than 90% RH
Storage Temperature / Humidity
-30°C ~ +60°C(-22°F ~ +140°F) / Less than 90% RH
Certification
IK08
Input Voltage
PoE(IEEE802.3af, Class3), 12VDC
Power Consumption
PoE: Max 6.50W
12VDC: Max 5.43W
Mechanical
Color / Material
Ivory / Plastic
Product Dimensions / Weight
Ø110.0x86.0mm(Ø4.33x3.39"), 290g(0.64 lb)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com