Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34017-0432-R2-4 Datasheet(PDF) 3 Page - Kontron

Part # 34017-0432-R2-4
Description  COM Express® mini Type 10 with Intel Atom® x7000E / x7000RE Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

34017-0432-R2-4 Datasheet(HTML) 3 Page - Kontron

  34017-0432-R2-4 Datasheet HTML 1Page - Kontron 34017-0432-R2-4 Datasheet HTML 2Page - Kontron 34017-0432-R2-4 Datasheet HTML 3Page - Kontron 34017-0432-R2-4 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.kontron.com
3
www.jumptec.com
Block Diagram
CPU Variants
PROCESSOR
NUMBER
TDP W
CORES
EUS
BASE
FREQ
GHZ
1C TURBO
FREQ
GHZ
TJUNCTION
MIN °C
TJUNCTION
MAX °C
ECC
USE
CONDITION
X7211E
6
2
16
1,00
3,20
0
105
No
Embedded
X7213E
10
2
16
1,70
3,20
0
105
No
Embedded
X7425E
12
4
24
1,50
3,40
0
105
No
Embedded
X7211RE
6
2
16
1,00
3,20
-40
105
Yes–In Band
Embedded/
Industrial*
X7213RE
9
2
16
2,00
3,40
-40
105
Yes–In Band
Embedded/
Industrial*
X7433RE
9
4
32
1,50
3,40
-40
105
Yes–In Band
Embedded/
Industrial*
X7835RE
12
8
32
1,30
3,60
-40
105
Yes–In Band
Embedded/
Industrial*
*For Industrial use condition turbo needs to be disabled
DTR applies to these processors. See user guide for further information
LID
Sleep
PWM
FAN1
I2C
GPIO
Ctrl
Mgmt
eSPI
USB #0-1
(USB 3.2)
LAN
eDP
eDP
PwrCtrl
SysMgmt
eSPI
SPI
DP++
(DDI0)
PCIe #0-3
SATA0
SATA1
2x
UART
Intel® x7000E / x7000RE Series
Connector
Option
Standard
component
USB #0-7
(USB 2.0)
I2C
SMB
LVDS
GPIO
Embedded Controller
CPU FAN0
Watchdog
eSPI to I2C
EEPROM
USB 3.2
CPU
Gen12
iGFX
USB 2.0
Host
SPI
BIOS Flash
GPIO Buffer
COM Express® connector AB – Pin-out Type 10
eDP to
LVDS
PTN3460
4x PCIe
HSIO #0-3
MAC
HSIO #6
TPM
PHY
GPY115
GPY(215)
2x SATA
HSIO
#10,11
TPM
2.0
eMMC
LPC
(eSPI)
HDA
Soundwire
GP
SPI
GP
SPI
LPDDR5 - max 4800MT/s
IB-ECC
up to 32GB memory down
LPDDR5 - max 4800MT/s
IB-ECC
up to 32GB memory down
LPDDR5 - max 4800MT/s
IB-ECC
up to 32GB memory down
SER0/1
MIPI-CSI0
MIPI-CSI1
2x MIPI CSI
eSPI
to LPC
FAN control
I2C
SMB
PSC
P owerS eqCtrl
SER0
SER1
COMe-mAS10 (E2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com