Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34017-0432-R2-4 Datasheet(PDF) 4 Page - Kontron

Part # 34017-0432-R2-4
Description  COM Express® mini Type 10 with Intel Atom® x7000E / x7000RE Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

34017-0432-R2-4 Datasheet(HTML) 4 Page - Kontron

  34017-0432-R2-4 Datasheet HTML 1Page - Kontron 34017-0432-R2-4 Datasheet HTML 2Page - Kontron 34017-0432-R2-4 Datasheet HTML 3Page - Kontron 34017-0432-R2-4 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Your Contact
JUMPtec GmbH
Brunnwiesenstraße 16
94469 Deggendorf, Germany
Tel.: + 49 991 37024-0
contact@jumptec.de
www.jumptec.com
Standard Variants
PART NO.
CPU
MEMORY
ETH PHY
(1GBE OR 2.5GBE)
FLASH - EMMC
VARIOUS
OP. TEMPERATURE
34017-0432-R1-2
x7211RE
4GB, 4800MT/s
1GbE
32GB TLC
LPC, LVDS
-40 °C to + 85 °C
34017-0432-R2-2
x7213RE
4GB, 4800MT/s
1GbE
32GB TLC
LPC, LVDS
-40 °C to + 85 °C
34017-0432-R2-4
x7433RE
4GB, 4800MT/s
1GbE
32GB TLC
LPC, LVDS
-40 °C to + 85 °C
34017-0832-R2-8
x7835RE
8GB, 4800MT/s
1GbE
32GB TLC
LPC, LVDS
-40 °C to + 85 °C
34017-1632-R2-8
x7835RE
16GB, 4800MT/s
1GbE
32GB TLC
LPC, LVDS
-40 °C to + 85 °C
Please contact your sales representative for other versions
Carrier
Cooling
ARTICLE
PART NO.
DESCRIPTION
COMe Eval Carrier T10 GEN2
34101-0000-00-2
COM Express® Eval Carrier Type 10 Gen 2
COMe Eval Carrier T10 GEN3
34101-0000-00-3
COM Express® Eval Carrier Type 10 Gen 3
ARTICLE
PART NO.
DESCRIPTION
HSP COMe-mAS10 (E2)
THREAD
34017-0000-99-0
Heatspreader for COMe-mAS10 commercial and E2, threaded mounting holes
HSP COMe-mAS10 (E2)
THROUGH
34017-0000-99-1
Heatspreader for COMe-mAS10 commercial and E2, through holes
HSP COMe-mAS10 (E2) SLIM
THREAD
34017-0000-99-2
Heatspreader Slimline 6.5mm for COMe-mAS10 commercial and E2,
threaded mounting holes
HSP COME-mAS10 (E2) SLIM
THROUGH
34017-0000-99-3
Heatspreader Slimline 6.5mm for COMe-mAS10 commercial and E2,
through holes
COME MINI ACTIVE UNI COOLER
34099-0000-99-0
COM Express® mini Universal Active Cooler for Heatspreader Mounting
COME MINI PASSIVE UNI
COOLER
34099-0000-99-1
COM Express® mini Universal Passive Cooler for Heatspreader Mounting
COME MINI PASSIVE UNI
COOLER SLIM TOP MOUNT
34099-0000-99-3
COM Express® mini Universal Passive Cooler Slim for Heatspreader Top
Mounting
COMe-mAS10 (E2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com