Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS7091GS Datasheet(PDF) 3 Page - International Rectifier

Part # IPS7091GS
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS7091GS Datasheet(HTML) 3 Page - International Rectifier

  IPS7091GS Datasheet HTML 1Page - International Rectifier IPS7091GS Datasheet HTML 2Page - International Rectifier IPS7091GS Datasheet HTML 3Page - International Rectifier IPS7091GS Datasheet HTML 4Page - International Rectifier IPS7091GS Datasheet HTML 5Page - International Rectifier IPS7091GS Datasheet HTML 6Page - International Rectifier IPS7091GS Datasheet HTML 7Page - International Rectifier IPS7091GS Datasheet HTML 8Page - International Rectifier IPS7091GS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IPS7091(G)(S)PbF
Static Electrical Characteristics
Max.
Units
Test Conditions
Tj=25°C, Vcc=14V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
ON state resistance Tj=25°C
⎯
80
120
,
Vin=5V Iout=2A
ON state resistance Tj=150°C
⎯
150
230
Vin=5V, Iout=2A
Rds(on)
⎯
90
130
m
Ω
ON state resistance Tj=25°C, Vcc=6.5V
Vin=5V, Iout=2A
Vcc op.
6
⎯
35
Operating voltage range
V clamp 1
Vcc to Out clamp voltage 1
65
70
⎯
Iout=30mA (see Fig. 1)
V clamp 2
Vcc to Out clamp voltage 2
⎯
70
75
Iout=1A (see Fig. 1)
Vf
Body diode forward voltage
⎯
1
1.35
V
Io
2.5A
ut=
Icc Off
Supply current when Off
⎯
2.5
10
µA
V
V, Vout=0V
in=0
Icc On
⎯
2.5
3.5
mA
V
Supply current when On
Vin=5
Iout@0V
V
0V
Output leakage current
⎯
⎯
10
out=
Iout@6V
utput leakage current
20
⎯
Vout=6V
O
⎯
Idg leakage
⎯
10
µA
V
5.5V
Diagnostic output leakage current
⎯
dg=
Vdgl
Low level diagnostic output voltage
⎯
0.2
0.3
Idg=1.6mA
Vih
Input high threshold voltage
⎯
2.5
3.5
Vil
Input low threshold voltage
1
2
⎯
In hys
Input hysteresis
0.15
0.4
1
UV high
Under voltage high threshold voltage
⎯
5
5.9
UV low
Under voltage low threshold voltage
3.4
4.5
⎯
UV hys
U
1.5
V
ndervoltage hysteresis
0.1
0.8
Iin On
In
80
µA
V
put current when device is On
⎯
40
V
5
in=
S
hing E
V
V, Resistiv
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
witc
lectrical Characteristics
cc=14
e load=14
Ω, Vin=5V, Tj=25°C
Tdon
Turn-on delay time
⎯
12
35
Tr1
Rise time to Vout=Vcc-5V
⎯
7
40
Tr2
Rise time to Vout=0.9 x Vcc
⎯
14
50
µs
dV/dt (On)
T
⎯
0.95
3.5
V/µs
urn On dV/dt
EOn
T
⎯
250
⎯
µJ
urn On energy
Tdoff
T
⎯
20
45
urn-off delay time
Tf
Fall time to Vout=0.1 x Vcc
⎯
6
25
µs
dV/dt (Off)
T
1.8
5.5
V/µs
urn Off dV/dt
⎯
EOff
T
20
⎯
µJ
S
Fig. 3
urn Off energy
⎯
ee
Tdiag
V
⎯
µs
See Fig. 4 and Fig. 12
out to Vdiag propagation delay
⎯
15
www.irf.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com