Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS7091GS Datasheet(PDF) 1 Page - International Rectifier

Part # IPS7091GS
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS7091GS Datasheet(HTML) 1 Page - International Rectifier

  IPS7091GS Datasheet HTML 1Page - International Rectifier IPS7091GS Datasheet HTML 2Page - International Rectifier IPS7091GS Datasheet HTML 3Page - International Rectifier IPS7091GS Datasheet HTML 4Page - International Rectifier IPS7091GS Datasheet HTML 5Page - International Rectifier IPS7091GS Datasheet HTML 6Page - International Rectifier IPS7091GS Datasheet HTML 7Page - International Rectifier IPS7091GS Datasheet HTML 8Page - International Rectifier IPS7091GS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data sheet N° 60291 revB
IPS7091(G)(S)PbF
INTELLIGENT POWER HIGH SIDE SWITCH
Features
•
Over temperature shutdown (with auto-restart)
•
Short circuit protection (current limit)
•
Active clamp
•
Open load detection
from power ground
ection
escription
)PbF is a five terminal Intelligent Power
•
Logic ground isolated
•
ESD protection
•
Ground loss prot
•
Status feedback
D
The IPS7091(G)(S
Switch (IPS) with built in short circuit, over-temperature,
ESD protection, inductive load capability and diagnostic
feedback. The output current is limited at Ilim value.
Current limitation is activated until the thermal protection
acts. The over-temperature protection turns off the device
if the junction temperature exceeds Tshutdown. It will
automatically restart after the junction has cooled 7°C
below Tshutdown. A diagnostic pin is provided for status
feedback of short circuit, over-temperature and open load
detection. The double level shifter circuitry allows large
offsets between the logic ground and the load.
Product Summary
Rds(on)
120mΩ max.
Vclamp
70V
I Limit
5A (typ.)
Open load 3V
Package
TO220
D2-Pak
SO-8
IPS7091PbF
IPS7091SPbF
IPS7091GPbF
Typical Connection
Out(4)
Control
Dg(3)
Rin
Vcc(5-6-7-8)
Load
+Bat
Input Signal
V Diag
In(2)
Gnd(1)
Rdg
Pull-up resistor for Open
Load Off detection
15K
+5V
www.irf.com
1


Similar Part No. - IPS7091GS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS7091GPBF IRF-IPS7091GPBF Datasheet
447Kb / 11P
INTELLIGENT POWER HIGH SIDE SWITCH
More results

Similar Description - IPS7091GS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
INTELLIGENT POWER HIGH SIDE SWITCH
IPS7081 IRF-IPS7081 Datasheet
704Kb / 14P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041GTRPBF IRF-IPS6041GTRPBF Datasheet
888Kb / 16P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7091 IRF-AUIPS7091_15 Datasheet
1Mb / 19P
INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com