Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6421 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C6421 Datasheet HTML 1Page - Texas Instruments TMS320C6421 Datasheet HTML 2Page - Texas Instruments TMS320C6421 Datasheet HTML 3Page - Texas Instruments TMS320C6421 Datasheet HTML 4Page - Texas Instruments TMS320C6421 Datasheet HTML 5Page - Texas Instruments TMS320C6421 Datasheet HTML 6Page - Texas Instruments TMS320C6421 Datasheet HTML 7Page - Texas Instruments TMS320C6421 Datasheet HTML 8Page - Texas Instruments TMS320C6421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 223 page
background image
www.ti.com
1
TMS320C6421 Fixed-Point Digital Signal Processor
1.1 Features
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007
• C64x+ L1/L2 Memory Architecture
• High-Performance Digital Signal Processor
(C6421)
–
128K-Bit (16K-Byte) L1P Program
RAM/Cache [Flexible Allocation]
–
2.5-, 2.-, 1.67-ns Instruction Cycle Time
–
384K-Bit (48K-Byte) L1D Data RAM/Cache
–
400-, 500-, 600-MHz C64x+™ Clock Rate
[Flexible Allocation]
–
Eight 32-Bit C64x+ Instructions/Cycle
–
512K-Bit (64K-Byte) L2 Unified Mapped
–
3200, 4000, 4800 MIPS
RAM/Cache [Flexible Allocation]
–
Fully Software-Compatible With C64x
• Endianess: Supports Both Little Endian and
–
Commercial and Automotive (Q or S suffix)
Big Endian
Grades
• External Memory Interfaces (EMIFs)
• VelociTI.2™ Extensions to VelociTI™
–
16-Bit DDR2 SDRAM Memory Controller
Advanced Very-Long-Instruction-Word (VLIW)
With 128M-Byte Address Space (1.8-V I/O)
TMS320C64x+™ DSP Core
• Supports up to 266-MHz (data rate) bus
–
Eight Highly Independent Functional Units
and interfaces to DDR2-400 SDRAM
With VelociTI.2 Extensions:
–
Asynchronous 8-Bit-Wide EMIF (EMIFA)
• Six ALUs (32-/40-Bit), Each Supports
With up to 64M-Byte Address Reach
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
• Flash Memory Interfaces
Arithmetic per Clock Cycle
–
NOR (8-Bit-Wide Data)
• Two Multipliers Support Four 16 x 16-Bit
Multiplies (32-Bit Results) per Clock
–
NAND (8-Bit-Wide Data)
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
• Enhanced Direct-Memory-Access (EDMA)
Results) per Clock Cycle
Controller (64 Independent Channels)
–
Load-Store Architecture With Non-Aligned
• Two 64-Bit General-Purpose Timers (Each
Support
Configurable as Two 32-Bit Timers)
–
64 32-Bit General-Purpose Registers
• One 64-Bit Watch Dog Timer
–
Instruction Packing Reduces Code Size
• One UART With RTS and CTS Flow Control
–
All Instructions Conditional
–
Additional C64x+™ Enhancements
• Master/Slave Inter-Integrated Circuit
(I2C Bus™)
• Protected Mode Operation
• Exceptions Support for Error Detection
• Multichannel Buffered Serial Port (McBSP0)
and Program Redirection
–
I2S and TDM
• Hardware Support for Modulo Loop
–
AC97 Audio Codec Interface
Auto-Focus Module Operation
–
SPI
• C64x+ Instruction Set Features
–
Standard Voice Codec Interface (AIC12)
–
Byte-Addressable (8-/16-/32-/64-Bit Data)
–
Telecom Interfaces – ST-Bus, H-100
–
8-Bit Overflow Protection
–
128 Channel Mode
–
Bit-Field Extract, Set, Clear
• Multichannel Audio Serial Port (McASP0)
–
Normalization, Saturation, Bit-Counting
–
Four Serializers and SPDIF (DIT) Mode
–
VelociTI.2 Increased Orthogonality
• 16-Bit Host-Port Interface (HPI)
–
C64x+ Extensions
• 10/100 Mb/s Ethernet MAC (EMAC)
• Compact 16-bit Instructions
–
IEEE 802.3 Compliant
• Additional Instructions to Support
–
Supports Multiple Media Independent
Complex Multiplies
Interfaces (MII, RMII)
–
Management Data I/O (MDIO) Module
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320C6421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6421 TI-TMS320C6421 Datasheet
562Kb / 59P
Fixed-Point Digital Signal Processor
TMS320C6421 TI-TMS320C6421 Datasheet
1Mb / 227P
Fixed-Point Digital Signal Processor
TMS320C6421 TI1-TMS320C6421 Datasheet
1Mb / 222P
Fixed-Point Digital Signal Processor
TMS320C6421 TI1-TMS320C6421 Datasheet
1Mb / 222P
Fixed-Point Digital Signal Processor
TMS320C6421Q TI1-TMS320C6421Q Datasheet
1Mb / 222P
Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C6421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC549 TI-TMS320LC549 Datasheet
791Kb / 61P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5410 TI-TMS320VC5410 Datasheet
1Mb / 79P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5420 TI-TMS320VC5420 Datasheet
1Mb / 77P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC549 TI-TMS320VC549 Datasheet
787Kb / 60P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SMJ320VC5416 TI-SMJ320VC5416 Datasheet
1Mb / 92P
Fixed-Point Digital Signal Processor
TMS320VC549 TI-TMS320VC549_06 Datasheet
863Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SMJ320LC549 TI-SMJ320LC549 Datasheet
888Kb / 52P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5506 TI-TMS320VC5506 Datasheet
1Mb / 120P
Fixed-Point Digital Signal Processor
TMS320VC5504 TI-TMS320VC5504 Datasheet
1Mb / 128P
Fixed-Point Digital Signal Processor
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com