Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6421 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C6421 Datasheet HTML 1Page - Texas Instruments TMS320C6421 Datasheet HTML 2Page - Texas Instruments TMS320C6421 Datasheet HTML 3Page - Texas Instruments TMS320C6421 Datasheet HTML 4Page - Texas Instruments TMS320C6421 Datasheet HTML 5Page - Texas Instruments TMS320C6421 Datasheet HTML 6Page - Texas Instruments TMS320C6421 Datasheet HTML 7Page - Texas Instruments TMS320C6421 Datasheet HTML 8Page - Texas Instruments TMS320C6421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 223 page
background image
www.ti.com
1.2 Description
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007
• Packages:
–
361-Pin Pb-Free PBGA Package
• VLYNQ™ Interface (FPGA Interface)
(ZWT Suffix), 0.8-mm Ball Pitch
• Three Pulse Width Modulator (PWM) Outputs
–
376-Pin Plastic BGA Package
• On-Chip ROM Bootloader
(ZDU Suffix), 1.0-mm Ball Pitch
• Individual Power-Savings Modes
• 0.09-µm/6-Level Cu Metal Process (CMOS)
• Flexible PLL Clock Generators
• 3.3-V and 1.8-V I/O, 1.2-V Internal
• IEEE-1149.1 (JTAG™)
(-6/-5/-5Q/-5S/-4/-4Q/-4S)
Boundary-Scan-Compatible
• 3.3-V and 1.8-V I/O, 1.05-V Internal
• Up to 111 General-Purpose I/O (GPIO) Pins
(-6 when SYSCLK1
≤ 400 MHz only)
(Multiplexed With Other Device Functions)
• Applications:
–
Telecom
–
Audio
–
Industrial Applications
The TMS320C64x+™ DSPs (including the TMS320C6421 device) are the highest-performance fixed-point
DSP generation in the TMS320C6000™ DSP platform. The C6421 device is based on the third-generation
high-performance, advanced VelociTI™ very-long-instruction-word (VLIW) architecture developed by
Texas Instruments (TI), making these DSPs an excellent choice for digital signal processor applications.
The C64x+™ devices are upward code-compatible from previous devices that are part of the C6000™
DSP platform. The C64x™ DSPs support added functionality and have an expanded instruction set from
previous devices.
Any reference to the C64x DSP or C64x CPU also applies, unless otherwise noted, to the C64x+ DSP and
C64x+ CPU, respectively.
With performance of up to 4800 million instructions per second (MIPS) at a clock rate of 600 MHz, the
C64x+ core offers solutions to high-performance DSP programming challenges. The DSP core possesses
the operational flexibility of high-speed controllers and the numerical capability of array processors. The
C64x+ DSP core processor has 64 general-purpose registers of 32-bit word length and eight highly
independent functional units—two multipliers for a 32-bit result and six arithmetic logic units (ALUs). The
eight functional units include instructions to accelerate the performance in telecom, audio, and industrial
applications. The DSP core can produce four 16-bit multiply-accumulates (MACs) per cycle for a total of
2400 million MACs per second (MMACS), or eight 8-bit MACs per cycle for a total of 4800 MMACS. For
more details on the C64x+ DSP, see the TMS320C64x/C64x+ DSP CPU and Instruction Set Reference
Guide (literature number SPRU732).
The C6421 also has application-specific hardware logic, on-chip memory, and additional on-chip
peripherals similar to the other C6000 DSP platform devices. The C6421 core uses a two-level
cache-based architecture. The Level 1 program memory/cache (L1P) consists of a 128K-bit memory
space that can be configured as mapped memory or direct mapped cache, and the Level 1 data (L1D)
consists of a 384K-bit memory space that can be configured as mapped memory or 2-way set-associative
cache. The Level 2 memory/cache (L2) consists of a 512K-bit memory space that is shared between
program and data space. L2 memory can be configured as mapped memory, cache, or combinations of
the two.
TMS320C6421 Fixed-Point Digital Signal Processor
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com