Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3313SPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR3313SPBF
Description  PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3313SPBF Datasheet(HTML) 2 Page - International Rectifier

  IR3313SPBF Datasheet HTML 1Page - International Rectifier IR3313SPBF Datasheet HTML 2Page - International Rectifier IR3313SPBF Datasheet HTML 3Page - International Rectifier IR3313SPBF Datasheet HTML 4Page - International Rectifier IR3313SPBF Datasheet HTML 5Page - International Rectifier IR3313SPBF Datasheet HTML 6Page - International Rectifier IR3313SPBF Datasheet HTML 7Page - International Rectifier IR3313SPBF Datasheet HTML 8Page - International Rectifier IR3313SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IR3313SPbF
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to Vcc lead. (Tambient=25°C unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vcc-Vin
Maximum Vcc voltage
-16
37
Vcc-Vin cont.
Maximum continuous Vcc voltage
-16
32
Vcc-Vfb
Maximum Ifb voltage
-16
33
Vcc-Vout
Maximum output voltage
-0.3
37
V
Ids cont.
Maximum body diode continuous current Rth=60°C/W (1)
⎯
2.8
Ids pulsed
Maximum body diode pulsed current (1)
⎯
100
A
Pd
Maximum power dissipation Rth=60°C/W
⎯
2
W
ESD1
Electrostatic discharge voltage (Human body) C=100pF, R=1500
Ω
⎯
4
ESD2
Electrostatic discharge voltage (Machine Model) C=200pF,R=0
Ω
⎯
0.5
kV
Tj max.
Max. storage & operating temperature junction temperature
-40
150
°C
Min Rfb
Minimum on the resistor on Ifb pin
0.3
⎯
k
Ω
Ifb max.
Max. Ifb current
-50
50
mA
(1) Limited by junction temperature. Pulsed is also limited by wiring
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient D²-Pak Std footprint
60
⎯
Rth2
Thermal resistance junction to case D²-Pak
0.7
⎯
°C/W
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
Iout
Continuous output current Tambient=85°C, Rth=60°C/W, Tj=125°C
⎯
7
A
Rifb
Recommended Ifb resistor (2)(3)
0.5
3.5
k
Ω
Pulse min.
Minimum turn-on pulse width
1
⎯
ms
Fmax.
Maximum operating frequency
⎯
200
Hz
2) If Rifb is too low, the device can be damaged.
3) If Rifb is too high, the device may not switch on.
www.irf.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com