Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3313SPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR3313SPBF
Description  PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3313SPBF Datasheet(HTML) 3 Page - International Rectifier

  IR3313SPBF Datasheet HTML 1Page - International Rectifier IR3313SPBF Datasheet HTML 2Page - International Rectifier IR3313SPBF Datasheet HTML 3Page - International Rectifier IR3313SPBF Datasheet HTML 4Page - International Rectifier IR3313SPBF Datasheet HTML 5Page - International Rectifier IR3313SPBF Datasheet HTML 6Page - International Rectifier IR3313SPBF Datasheet HTML 7Page - International Rectifier IR3313SPBF Datasheet HTML 8Page - International Rectifier IR3313SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IR3313SPbF
Protection Characteristics
Tj=25°C, Rifb=500 to 3.5k
Ω
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Vifb-Vin@Isd
Over-current shutdown threshold
4
4.7
5.6
V
Tsd
Over temperature threshold
⎯
165
⎯
°C
See fig. 5
OV
Over voltage protection (not latched)
33
35
39
V
Isdf
Fixed over current shutdown
90
120
140
Vifb<Vifb-Vin@Isd
Isd_1k
Programmable over current shutdown 1k
30
40
50
A
Rifb=1k
Ω
Treset
Time to reset protection
⎯
50
500
See fig. 5
Min. pulse
Min. pulse width (no WAIT state)
200
400
1200
µs
WAIT
WAIT function timer
0.4
1
2
ms
See fig. 4 and 5
Rds(on) rev.
Reverse battery On state resistance
4
6.7
10
m
Ω
Vcc-Vin=-14V,
Iout=30A
Static Electrical Characteristics
Tj=25°C, Vcc=14V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Vcc op.
Operating Voltage range
6
⎯
32
V
Icc off
Supply leakage current
⎯
1.5
5
µA
Vin=Vcc, Vcc-Vout=14V,
Vcc-Vifb=14V
Iin, on
On state IN positive current
1.5
3
6
mA
Vcc-Vin=14V
Vih
High level Input threshold voltage (4)
⎯
5.4
6.2
Vil
Low level Input threshold voltage (4)
4
4.9
5.8
Vhyst
Input hysteresis Vih-Vil
0.2
0.4
1
V
Iout
Drain to source leakage current
⎯
1.2
5
µA
Vin=Vcc, Vcc-Vifb=0V,
Vcc-Vout=14V
On state resistance (5) Tj=25°C
4
5.5
7
Iout=30A, Vcc-Vin=14V
On state resistance (5) Tj=25°C
4
6
10
Iout=17A, Vcc-Vin=6V
Rds(on)
On state resistance (5) Tj=150°C
7
10.5
13.5
m
Ω
Iout=30A, Vcc-Vin=14V
V clamp1
Vcc to Vout clamp voltage 1
36
39
⎯
Iout=50mA
V clamp2
Vcc to Vout clamp voltage 2
⎯
40
43
V
Iout=30A
(4) Input thresholds are measured directly between the input pin and the tab. Any parasitic resistance in common between
the load current path and the input signal path can significantly affect the thresholds.
(5) Rdson is measured between the tab and the Out pin, 5mm away from the package.
Switching Electrical Characteristics
Vcc=14V, Resistive load=0.5
Ω, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn on delay time to 10% Vcc
8
32
80
Tr1
Rise time to Vcc-Vout=5V
3
16
40
Tr2
Rise time to Vcc-Vout=0.1Vcc
10
40
100
µs
Eon
Turn on energy
⎯
4.5
⎯
mJ
Tdoff
Turn off delay time
20
80
200
Tf
Fall time to Vout=10% of Vcc
8
32
80
µs
Eoff
Turn off energy
⎯
2
⎯
mJ
See figure 2
www.irf.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com