Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2280 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2280
Description  SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2280 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2280 Datasheet HTML 1Page - Diodes Incorporated AP2280 Datasheet HTML 2Page - Diodes Incorporated AP2280 Datasheet HTML 3Page - Diodes Incorporated AP2280 Datasheet HTML 4Page - Diodes Incorporated AP2280 Datasheet HTML 5Page - Diodes Incorporated AP2280 Datasheet HTML 6Page - Diodes Incorporated AP2280 Datasheet HTML 7Page - Diodes Incorporated AP2280 Datasheet HTML 8Page - Diodes Incorporated AP2280 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP2280
SINGLE CHANNEL SLEW RATE CONTROLLED LOAD
SWITCH
AP2280 Rev. 2
2 of 9
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
SOT25
DIS
GND
OUT
IN
EN
( Top View )
5
4
3
2
1
Pin Number
Description
Pin Name
SOT25
DIS
1
Discharge pin. If DIS pin is tied to OUT pin externally, the output voltage
will be discharged to ground when disabled.
GND
2
Ground.
OUT
3
Voltage output pin. This is the pin to the P-channel MOSFET drain.
Bypass to ground through a 0.1uF capacitor.
IN
4
Voltage input pin. This is the pin to the P-channel MOSFET source.
Bypass to ground through a 1µF capacitor.
EN
5
Enable input, active high.
Pin Assignments
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com