Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2280 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2280
Description  SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2280 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2280 Datasheet HTML 1Page - Diodes Incorporated AP2280 Datasheet HTML 2Page - Diodes Incorporated AP2280 Datasheet HTML 3Page - Diodes Incorporated AP2280 Datasheet HTML 4Page - Diodes Incorporated AP2280 Datasheet HTML 5Page - Diodes Incorporated AP2280 Datasheet HTML 6Page - Diodes Incorporated AP2280 Datasheet HTML 7Page - Diodes Incorporated AP2280 Datasheet HTML 8Page - Diodes Incorporated AP2280 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP2280
SINGLE CHANNEL SLEW RATE CONTROLLED LOAD
SWITCH
AP2280 Rev. 2
3 of 9
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
Block Diagram
1uF
IN
GND
EN
OUT
Enable
0.1uF
VIN
VOUT
DIS
1uF
IN
GND
EN
OUT
Enable
0.1uF
VIN
VOUT
DIS
For applications without output discharge
For applications with output discharge
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Units
ESD HBM
Human Body Model ESD Protection
4
KV
ESD MM
Machine Model ESD Protection
400
V
VIN
Input Voltage
6.5
V
VOUT
Output Voltage
VIN + 0.3
V
VEN
Enable Voltage
6.5
V
Iload
Maximum Continuous Load Current
2
A
TJ(max)
Maximum Junction Temperature
125
°C
TST
Storage Temperature Range
-65 ~ 150
°C
PD
Power Dissipation (Note 3,5)
SOT25
750
mW
Note: 3. Ratings apply to ambient temperature at 25°C.
Typical Application Circuits



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com