Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1301 Datasheet(PDF) 7 Page - ams AG

Part # AS1301
Description  5V/50mA Low Noise Inductorless Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1301 Datasheet(HTML) 7 Page - ams AG

Back Button AS1301 Datasheet HTML 3Page - ams AG AS1301 Datasheet HTML 4Page - ams AG AS1301 Datasheet HTML 5Page - ams AG AS1301 Datasheet HTML 6Page - ams AG AS1301 Datasheet HTML 7Page - ams AG AS1301 Datasheet HTML 8Page - ams AG AS1301 Datasheet HTML 9Page - ams AG AS1301 Datasheet HTML 10Page - ams AG AS1301 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.austriamicrosystems.com
Revision 1.00
7 - 16
AS1301
Data Sheet - Ty pi cal Operating Characte ristics
Figure 15. Efficiency vs. Output Current, VIN = 3V
Figure 16. Efficiency vs. Output Current, VIN = 3.3V
Figure 17. Efficiency vs. Output Current, VIN = 3.5V
Figure 18. Efficiency vs. Output Current, VIN = 4V
Figure 19. Efficiency vs. Output Current, VIN = 4.3V
Figure 20. Efficiency vs. Output Current, VIN = 4.7V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
1:2
mode
2:3
mode
1:2
mode
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
1:2
mode
2:3
mode
1:2
mode
2:3
mode
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
2:3
mode
1:2
mode
2:3
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com