Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1301 Datasheet(PDF) 1 Page - ams AG

Part # AS1301
Description  5V/50mA Low Noise Inductorless Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1301 Datasheet(HTML) 1 Page - ams AG

  AS1301 Datasheet HTML 1Page - ams AG AS1301 Datasheet HTML 2Page - ams AG AS1301 Datasheet HTML 3Page - ams AG AS1301 Datasheet HTML 4Page - ams AG AS1301 Datasheet HTML 5Page - ams AG AS1301 Datasheet HTML 6Page - ams AG AS1301 Datasheet HTML 7Page - ams AG AS1301 Datasheet HTML 8Page - ams AG AS1301 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AS1301
5V/50mA Low Noise Inductorless Boost Converter
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.00
1 - 16
1 General Description
The AS1301 is a 50mA inductorless boost converter
using a double H-bridge charge-pump topology with two
external flying capacitors.
The AS1301 runs on a 1MHz fixed frequency and is
utilized with a low noise regulation scheme to allow
usage together with sensitive RF circuitry from the same
battery supply.
Designed to reside in portable and space limited
equipment the 1MHz charge pump converts a 2.7 to
5.25V input to regulated 5V output with 5% accuracy.
The shutdown function reduces the supply current to
<5µA and disconnects the load from the output. The
integrated soft-start circuitry prevents current spikes
being drawn from the battery during start-up.
The AS1301 is available in TDFN (3x3x0.8mm) 10-pin
and WL-CSP 8-bumps packages.
2 Key Features
!
Up to 92% Efficiency
!
2.7 to 5.25V Input Voltage
!
Regulated 5V Output
!
Automatic Mode Up-Switching
!
<5µA Shutdown Current
!
5V Tolerant Enable Signal
!
Up to 50mA Load Current
!
Overload Protection
!
Output Disconnected During Shutdown
!
Soft Start
!
No Inductor Required
!
Small External Components Required
(COUT
≤2.2µF, CFLY ≤220nF)
!
Low Noise Fixed Frequency 1MHz Charge Pump:
- 1:1 Battery Feed Through Mode
- 2:3 Single Phase Mode
- 1:2 Dual Phase Mode
!
Package Options:
- TDFN (3x3x0.8mm) 10-pin
- WL-CSP 8-bumps with 0.5mm pitch
3 Applications
The device is ideal for dual/triple AA cells or single Li-Ion
battery cell to 5V conversion, mobile phones, portable
instruments, microprocessor based systems, remote
data-acquisition systems, inductorless DC-DC
conversion.
Figure 1. Block Diagram
+
VBATT
CBAT
AS1301
2.2µF
VBATT
EN
GND
VOUT
C1+
C1-
C2+
C2-
5V Supply
COUT
2.2µF
On
Off
CFLY1
CFLY2


Similar Part No. - AS1301

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1301 AMSCO-AS1301 Datasheet
1Mb / 16P
5V/50mA Low Noise Inductorless Boost Converter
logo
Power-One
AS1301-7R POWER-ONE-AS1301-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
ams AG
AS1301A-BTDT AMSCO-AS1301A-BTDT Datasheet
1Mb / 16P
5V/50mA Low Noise Inductorless Boost Converter
AS1301A-BWLT AMSCO-AS1301A-BWLT Datasheet
1Mb / 16P
5V/50mA Low Noise Inductorless Boost Converter
AS1301 AMSCO-AS1301_1 Datasheet
1Mb / 16P
5V/50mA Low Noise Inductorless Boost Converter
More results

Similar Description - AS1301

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT9270 RICHTEK-RT9270 Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9277A RICHTEK-RT9277A Datasheet
218Kb / 12P
High Performance, Low Noise Boost Converter
logo
Linear Technology
LTC3252 LINER-LTC3252 Datasheet
292Kb / 12P
Dual, Low Noise, Inductorless Step-Down DC/DC Converter
logo
ams AG
AS1301 AMSCO-AS1301_1 Datasheet
1Mb / 16P
5V/50mA Low Noise Inductorless Boost Converter
AS1302 AMSCO-AS1302 Datasheet
1Mb / 18P
5V/30mA Adaptive Inductorless Boost Converter
AS1302 AMSCO-AS1302_07 Datasheet
1Mb / 19P
5V/30mA Adaptive Inductorless Boost Converter
logo
Linear Technology
LTC3252 LINER-LTC3252_15 Datasheet
298Kb / 12P
Dual, Low Noise, Inductorless Step-Down DC/DC Converter
logo
Fitipower Integrated Te...
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
Low-Noise Boost DC-DC Converter
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
Low-Noise Boost DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com