Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1341 Datasheet(PDF) 2 Page - ams AG

Part # AS1341
Description  20V, 600mA, 100% Duty Cycle, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Datasheet(HTML) 2 Page - ams AG

  AS1341 Datasheet HTML 1Page - ams AG AS1341 Datasheet HTML 2Page - ams AG AS1341 Datasheet HTML 3Page - ams AG AS1341 Datasheet HTML 4Page - ams AG AS1341 Datasheet HTML 5Page - ams AG AS1341 Datasheet HTML 6Page - ams AG AS1341 Datasheet HTML 7Page - ams AG AS1341 Datasheet HTML 8Page - ams AG AS1341 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.austriamicrosystems.com
Revision 1.00
2 - 16
AS1341
Data Sheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1FB
Feedback Input. For the fixed 5V output connect to GND. For adjustable output,
connect to a resistive divider between pins OUT and GND to set the output voltage
between 1.25V and VIN.
2GND
Ground
3POK
Power OK. Active-low open-drain reset output.
Note: Connect pin POK to GND when the Power-Ok feature is not used.
4LX
Inductor Connection. Connect this pin to an external inductor.
5IN
4.5 to 20V Input Supply Voltage
6ILIMIT
Peak Current Control Input. Connect this pin to IN or GND to set peak current limit
(see Setting Current Limit on page 10).
7
SHDNN
Shutdown Input. A low on this pin puts the AS1341 into shutdown mode. Supply
current is reduced to 0.8µA and LX goes high-impedance.
8OUT
Regulated Output Voltage High-Impedance Sense Input. This pin is connected to
the internal resistor-divider network. Connect this pin to GND when not used.
9NC
Exposed Pad. This pad is not connected internally. Connect to GND or do not
connect.
5IN
3
POK
2
GND
1
FB
8OUT
AS1341
4
LX
7 SHDNN
6 ILIMIT
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com