Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1341 Datasheet(PDF) 1 Page - ams AG

Part # AS1341
Description  20V, 600mA, 100% Duty Cycle, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Datasheet(HTML) 1 Page - ams AG

  AS1341 Datasheet HTML 1Page - ams AG AS1341 Datasheet HTML 2Page - ams AG AS1341 Datasheet HTML 3Page - ams AG AS1341 Datasheet HTML 4Page - ams AG AS1341 Datasheet HTML 5Page - ams AG AS1341 Datasheet HTML 6Page - ams AG AS1341 Datasheet HTML 7Page - ams AG AS1341 Datasheet HTML 8Page - ams AG AS1341 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AS1341
20V, 600mA, 100% Duty Cycl e, Step-Down Converter
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.00
1 - 16
1 General Description
The AS1341 is a high-efficiency step-down converter
with adjustable output voltages from 1.25V to VIN using
supply voltages of up to 20V.
An integrated current-limited 0.4
Ω MOSFET delivers
load currents up to 600mA.
The AS1341 also includes a 100% duty cycle LDO
mode with a low dropout of only 250mV for high effi-
ciency if input voltages is in the range of the output volt-
age.
The AS1341 has a low quiescent current (12µA) to
improve light-load efficiency and minimize battery use,
and draws only 0.8µA in shutdown mode.
High switching frequencies (up to 200kHz) allow the use
of small surface-mount inductors and output capacitors.
The device is available in a TDFN-8 3x3mm pin pack-
age.
Figure 1. Typical Application
2 Key Features
!
Output Voltages: Fixed 5V or Adjustable
!
Input Voltage Range: 4.5 to 20V
!
Output Current: Up to 600mA
!
1.25V Lowest Output Voltage
!
Efficiency: up to 96%
!
Quiescent Supply Current: 12µA
!
Power-OK Output
!
Internal 0.4
Ω P-Channel MOSFET
!
Shutdown Current: 0.8µA
!
100% Maximum Duty Cycle for Low Dropout
!
Current-Limited Architecture
!
Thermal Shutdown
!
TDFN-8 3x3mm Package
3 Applications
The device is ideal for notebook computers, distributed
power systems, keep-alive supplies, and any other bat-
tery-operated, portable device.
4.5 to 20V
5
IN
4
LX
1
FB
CIN
5V
AS1341
2
GND
8
OUT
D1
L1
COUT
+
Indicates High-Power Trace
3
POK
RPULL
5IN
3
POK
2
GND
1
FB
8OUT
AS1341
4
LX
7 SHDNN
6 ILIMIT
9
7
SHDNN
6
ILIMIT


Similar Part No. - AS1341

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
990Kb / 18P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS1341-BTDT AMSCO-AS1341-BTDT Datasheet
925Kb / 17P
20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341-BTDT-1K AMSCO-AS1341-BTDT-1K Datasheet
990Kb / 18P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS1341-BTDT-6K AMSCO-AS1341-BTDT-6K Datasheet
990Kb / 18P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS1341 AMSCO-AS1341_1 Datasheet
925Kb / 17P
20V, 600mA, 100% Duty Cycle, Step-Down Converter
More results

Similar Description - AS1341

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1776 MAXIM-MAX1776 Datasheet
740Kb / 13P
24V, 600mA Internal Switch, 100% Duty Cycle, Step-Down Converter
19-1975; Rev 2; 7/03
MAX1836 MAXIM-MAX1836 Datasheet
394Kb / 13P
24V Internal Switch, 100% Duty Cycle, Step-Down Converters
MAX887 MAXIM-MAX887 Datasheet
146Kb / 12P
100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
600mA Step-Down Converter
logo
ams AG
AS1341 AMSCO-AS1341_1 Datasheet
925Kb / 17P
20V, 600mA, 100% Duty Cycle, Step-Down Converter
logo
Monolithic Power System...
MP2116 MPS-MP2116 Datasheet
532Kb / 13P
2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
600mA Step-Down Converter
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
600mA Step-Down Converter
April 2019 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com