Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES4810 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES4810
Description  Digital Audio Processor Product Brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES4810 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES4810 Datasheet HTML 1Page - ESS Technology,Inc ES4810 Datasheet HTML 2Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESS Technology, Inc.
SAM0646-080406
1
ESS Technology, Inc.
PRELIMINARY
ES4810
Digital Audio Processor
Product Brief
DESCRIPTION
The ES4810 Digital Audio Processor (DAP™3) is an SOC
chip designed for Audio Boom-Box and Mini-Combo
applications. It integrates a servo controller, RF amplifier,
servo DSP, MP3 and WMA decoders, USB 2.0 Driver, 2
channels audio DAC, 2 channels of audio ADC for
Karaoke, SD/MS/MMC card reader and MP3 encoder.
The ES4810 has the largest feature set and is the most
highly integrated and cost-effective solution currently
available.
The ES4810 provides auxiliary control pins for AM/FM
tuner control, LCD driver and system management. The
ES4810’s internal RISC processor can be used in place of
a microcontroller to provide all system controls and user
interface.
The ES4810 digital audio processor is available in a 208-
pin Plastic Quad Flat Pack (PQFP) device package.
FEATURES
• CD Optical loader with integrated servo controller and RF
amplifier.
• Disc format supports CD-R/RW, CD.
• File system supports ISO9660, UDF, NTFS, and FAT32.
• Audio DSP decodes MP3, WMA, AAC, and OGG. Can also
encode MP3 and store into USB flash or memory cards.
• USB 2.0 FS to support USB flash drive for music playback.
• Digital audio SPDIF In and Out.
• VDAC for file browsing and management.
• 2-channel audio DAC, 2-channel ADC.
• 2-channel PWM supports class D digital amplifiers.
• SD/MMC/MS card reader interface.
• Audio equalizer and bass enhancement support.
• LCD panel control and FM/AM tuner control.
• Serial UART port.
• 1.5V power supply with 3.3V tolerant I/Os,
power consumption < 1W.
• Lead-free leads.
SYSTEM BLOCK DIAGRAM
A sample system block diagram for the ES4810 digital audio
board design is shown in Figure 1.
Figure 1 ES4810 System Block Diagram
ES4810
SDRAM
LCD
Audio Output
ADC
USB 2.0
A/V Receiver
LCD Panel
Microphone Input
S/PDIF
4 Mbit
Motor Driver
CPU
Motor
CD/CD-R/CD-RW
IR Remote
(2 MB)
Audio
Audio
Flash Memory Cards - SD/MMC/MS
DAP3
ROM/FLASH
Sony 213C
Samsung B35
Sanyo DA11
FM/AM Tuner
Driver
MCU
UART
for MP3
Encode
System Control


Similar Part No. - ES4810

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4810FAA ESS-ES4810FAA Datasheet
87Kb / 4P
Digital Audio Processor Product Brief
ES4810SAA ESS-ES4810SAA Datasheet
87Kb / 4P
Digital Audio Processor Product Brief
More results

Similar Description - ES4810

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
DVD Processor Product Brief
ES3210 ESS-ES3210 Datasheet
63Kb / 4P
Video CD Processor Product Brief
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
DVD Processor Product Brief
logo
Hitachi Semiconductor
SH7750 HITACHI-SH7750 Datasheet
58Kb / 2P
SuperH RISC Processor Product Brief
logo
List of Unclassifed Man...
ES4118 ETC-ES4118 Datasheet
65Kb / 4P
Super VCD Processor Product Brief
ES3986 ETC1-ES3986 Datasheet
34Kb / 4P
Digital-Audio Processor Product Brief
WP3200 ETC1-WP3200 Datasheet
150Kb / 2P
Home Gateway Processor Product Brief
logo
ESS Technology,Inc
ES4810SAA ESS-ES4810SAA Datasheet
87Kb / 4P
Digital Audio Processor Product Brief
ES6425 ESS-ES6425 Datasheet
143Kb / 8P
Digital Media Processor 2 Product Brief
ES6430 ESS-ES6430 Datasheet
84Kb / 6P
Digital Media Processor Product Brief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com