Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3210 Datasheet (PDF) - ESS Technology,Inc

ES3210 Datasheet PDF - ESS Technology,Inc
Part # ES3210
Download  ES3210 Download
File Size   63.64 Kbytes
Page   4 Pages
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc
Description Video CD Processor Product Brief

ES3210 Datasheet (PDF)

Go To PDF Page Download Datasheet
ES3210 Datasheet PDF - ESS Technology,Inc

Part # ES3210
Download  ES3210 Click to download

File Size   63.64 Kbytes
Page   4 Pages
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc
Description Video CD Processor Product Brief

ES3210 Datasheet (HTML) - ESS Technology,Inc


ES3210 Product details

DESCRIPTION
The ES3210 Video CD processor is a highly integrated, high quality and cost-effective single-chip solution for Video CD players. Based upon ESS’s Programmable Multimedia Processor (PMP) architecture, the ES3210 integrates MPEG1 video and audio processing and a full MPEG system stream parser. The ES3210 is fully programmable and incorporates a RISC-based 32-bit processor as an onchip video controller (VC) and a supporting 64-bit processor core that functions as an on-chip video processor (VP).

FEATURES
• Single-chip Video CD processor in a 100-pin TQFP package.
• Programmable Multimedia Processor (PMP) architecture.
• MPEG1 video/audio decoder and system parser.
• Video CD 1.1 and 2.0, and Audio CD compatible.
• On-chip video interlacing hardware incorporated.
• Color Space Conversion (CSC) function supported.
• STC interpretation and video/audio Phase-lock Loop (PLL)
• Power management
• 3.3V power supply with 5V tolerant I/Os.
• 8- and 16-bit YUV output supported.
• On-chip On Screen Display (OSD) controller supports karaoke lyric and subtitle text display functions.

Video
• Playback Control (PBC) for Video CD 2.0 supported.
• Trick mode functions such as Repeat, Goto, and Set A-B supported.
• SmartScaleTM for NTSC to PAL conversion and vice versa supported.
• SmartZoomTM for motion zoom and pan supported.
• SmartStreamTM for video error concealment supported.
• Video Fader for fading video image in and out supported.

Audio
• CD block decoder functions supported.
• 256/384 frame sync audio system clocks supported.
• Programmable master clock for external audio DAC.
• Independent bit clock for audio transmit and receive.
• 3DSound and surround sound supported.




Similar Part No. - ES3210

ManufacturerPart #DatasheetDescription
logo
Relpol S.A.
ES32 RELPOL-ES32 Datasheet
10Mb / 20P
Plug-in sockets and accessories
logo
ABB
ES32 ABB-ES32 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
List of Unclassifed Man...
ES3207 ETC-ES3207 Datasheet
72Kb / 4P
Video CD/DVD Companion Chip
More results


Similar Description - ES3210

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
DVD Processor Product Brief
logo
List of Unclassifed Man...
ES3883 ETC-ES3883 Datasheet
38Kb / 4P
Video CD Companion Chip Product Brief
ES3880 ETC-ES3880 Datasheet
63Kb / 4P
Video CD MPEG Processor
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
DVD Processor Product Brief
ES3986 ETC1-ES3986 Datasheet
34Kb / 4P
Digital-Audio Processor Product Brief
ES3890 ETC1-ES3890 Datasheet
91Kb / 6P
Video CD Processor
WP3200 ETC1-WP3200 Datasheet
150Kb / 2P
Home Gateway Processor Product Brief
logo
ESS Technology,Inc
ES4810 ESS-ES4810 Datasheet
44Kb / 2P
Digital Audio Processor Product Brief
ES4810SAA ESS-ES4810SAA Datasheet
87Kb / 4P
Digital Audio Processor Product Brief
ES6430 ESS-ES6430 Datasheet
84Kb / 6P
Digital Media Processor Product Brief
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com