Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3210 Datasheet(PDF) 2 Page - ESS Technology,Inc

Part # ES3210
Description  Video CD Processor Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES3210 Datasheet(HTML) 2 Page - ESS Technology,Inc

  ES3210 Datasheet HTML 1Page - ESS Technology,Inc ES3210 Datasheet HTML 2Page - ESS Technology,Inc ES3210 Datasheet HTML 3Page - ESS Technology,Inc ES3210 Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SAM0417-051701
ESS Technology, Inc.
ES3210 PRODUCT BRIEF
ES3210 PINOUT
A
ES3210 PINOUT
Figure 1 shows the ES3210 device pinout.
Figure 1 ES3210 Pinout Diagram
ES3210 PIN DESCRIPTION
Table 1 lists the ES3210 pin descriptions.
1
VSS
AUX4
AUX3
AUX2
AUX1
AUX0
PCLK
PCLK2X
CPUCLK
HSYNC
VSYNC
YUV7
YUV6
YUV5
YUV4
YUV3
YUV2
YUV1
YUV0
VDD
VPP
LA12
LA13
LA14
LA15
LA16
LA17
ACLK
AOUT/SEL_PLL0
ATCLK
ATFS/SEL_PLL1
DOE#
AIN
ARCLK
ARFS
TDMCLK
TDMDR
TDMFS
CAS#
VSS
31
30
51
50
80
81
100
2345678910 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
ES3210
100-pin PQFP
Table 1
ES3210 Pin Description
Name
Number
I/O
Definition
VDD
1, 31, 51
I
Voltage supply for 3.3V.
RAS#
2
O
DRAM row address strobe (active low).
DWE#
3
O
DRAM write enable (active low).
MA[8:0]
12:4
O
DRAM multiplexed row and column address bus.
DBUS[15:0]
28:13
I/O
DRAM data bus I/O [15:0].
RESET#
29
I
System reset (active low).
VSS
30, 50, 80, 100
I
Ground.
YUV[7:0]
39:32
O
YUV[7:0] pixel output data.
VSYNC
40
I/O
Vertical sync for screen video interface, programmable for rising or falling edge.
HSYNC
41
I/O
Horizontal sync for screen video interface, programmable for rising or falling edge.
CPUCLK
42
I
RISC and system clock input. CPUCLK is used only if SEL_PLL[1:0] = 00.
PCLK2X
43
I/O
Pixel clock; two times the actual pixel clock for screen video interface.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com