Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3210 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES3210
Description  Video CD Processor Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES3210 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES3210 Datasheet HTML 1Page - ESS Technology,Inc ES3210 Datasheet HTML 2Page - ESS Technology,Inc ES3210 Datasheet HTML 3Page - ESS Technology,Inc ES3210 Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESS Technology, Inc.
SAM0417-051701
1
A
ESS Technology, Inc.
ES3210
Video CD Processor
Product Brief
DESCRIPTION
The ES3210 Video CD processor is a highly integrated,
high quality and cost-effective single-chip solution for Video
CD players. Based upon ESS’s Programmable Multimedia
Processor (PMP) architecture, the ES3210 integrates
MPEG1 video and audio processing and a full MPEG
system stream parser. The ES3210 is fully programmable
and incorporates a RISC-based 32-bit processor as an on-
chip video controller (VC) and a supporting 64-bit
processor core that functions as an on-chip video
processor (VP).
The VC module can be used as a microcontroller to provide
system and user interface controls, while also being able to
support embedded systems applications. The VP module
performs MPEG audio and video processing operations
such as arbitrary scaling, video standards conversion and
video filtering. The MPEG1 system layer bitstream is
decoded at up to 9 Mb/s at Standard Intermediate Format
(SIF) resolution with a picture rate of 30 f/s. Two channels
of MPEG layer 1 or audio layer 2 are decoded
simultaneously.
The ES3210 includes SmartScaleTM technology for advanced
scaling techniques, SmartStreamTM technology for video
error concealment, and SmartZoomTM technology for
enabling in/out zooming of a particular area of a still picture.
Additional features include DiscScan, TrackScan, QuickScan, On-
Screen-Display (OSD), Karaoke, Playback Control (PBC) for
Video CD 2.0, Smart Art and entertainment game software.
The incoming MPEG1 bit stream from a video CD is passed
to the ES3210 through its five-wire TDM serial bus, parses the
system layer and demultiplexes the video and audio
channels. Video is decoded and output as YUV or RGB
digital pixels to an NTSC or PAL video DAC/encoder, then
to the screen. Audio is decoded and passed to the
speakers via the audio serial bus, then to an audio DAC.
The ES3210 also has general-purpose auxiliary pins and
an integrated audio Digital-to-Analog Converter (DAC)
interface to reduce the need for external audio glue logic.
When coupled with the ES3207 Video CD Companion
Chip, echo cancellation and vocal reverb are also
supported.
The
echo
cancellation
feature
removes
unwanted acoustic reflection from the audio output, while
the vocal reverb feature simulates a theater acoustic
environment.
The ES3210 is available in an industry-standard 100-pin
Thin Quad Flat Pack (TQFP) device package.
FEATURES
Single-chip Video CD processor in a 100-pin TQFP
package.
Programmable Multimedia Processor (PMP) architecture.
MPEG1 video/audio decoder and system parser.
Video CD 1.1 and 2.0, and Audio CD compatible.
On-chip video interlacing hardware incorporated.
Color Space Conversion (CSC) function supported.
STC interpretation and video/audio Phase-lock Loop (PLL)
Power management
3.3V power supply with 5V tolerant I/Os.
8- and 16-bit YUV output supported.
On-chip On Screen Display (OSD) controller supports
karaoke lyric and subtitle text display functions.
Video
Playback Control (PBC) for Video CD 2.0 supported.
Trick mode functions such as Repeat, Goto, and Set A-B
supported.
SmartScaleTM for NTSC to PAL conversion and vice versa
supported.
SmartZoomTM for motion zoom and pan supported.
SmartStreamTM for video error concealment supported.
Video Fader for fading video image in and out supported.
Audio
CD block decoder functions supported.
256/384 frame sync audio system clocks supported.
Programmable master clock for external audio DAC.
Independent bit clock for audio transmit and receive.
3DSound and surround sound supported.
Software Support
Software stack support for the TCP/IP protocols defined by
RFC 791 and RFC 793.
Software stack support for the POP3, SMTP and SNMP
Internet e-mail protocols defined by RFC 821, RFC
1157and RFC 2449.
Software stack support provided for the HTTP Web
browsing protocol defined by RFC 1945, RFC 2068 and
RFC2616.
Software stack support provided for RTP payload format for
MPEG-1/2 and H.261 video streaming protocols defined by
Character generation and software support for English,
Big 5/GB Chinese and Japanese fonts.
Software support for infrared remote control and wireless
keyboard.


Similar Part No. - ES3210

ManufacturerPart #DatasheetDescription
logo
Relpol S.A.
ES32 RELPOL-ES32 Datasheet
10Mb / 20P
Plug-in sockets and accessories
logo
ABB
ES32 ABB-ES32 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
List of Unclassifed Man...
ES3207 ETC-ES3207 Datasheet
72Kb / 4P
Video CD/DVD Companion Chip
More results

Similar Description - ES3210

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
DVD Processor Product Brief
logo
List of Unclassifed Man...
ES3883 ETC-ES3883 Datasheet
38Kb / 4P
Video CD Companion Chip Product Brief
ES3880 ETC-ES3880 Datasheet
63Kb / 4P
Video CD MPEG Processor
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
DVD Processor Product Brief
ES3986 ETC1-ES3986 Datasheet
34Kb / 4P
Digital-Audio Processor Product Brief
ES3890 ETC1-ES3890 Datasheet
91Kb / 6P
Video CD Processor
WP3200 ETC1-WP3200 Datasheet
150Kb / 2P
Home Gateway Processor Product Brief
logo
ESS Technology,Inc
ES4810 ESS-ES4810 Datasheet
44Kb / 2P
Digital Audio Processor Product Brief
ES4810SAA ESS-ES4810SAA Datasheet
87Kb / 4P
Digital Audio Processor Product Brief
ES6430 ESS-ES6430 Datasheet
84Kb / 6P
Digital Media Processor Product Brief
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com