Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3210 Datasheet(PDF) 4 Page - ESS Technology,Inc

Part # ES3210
Description  Video CD Processor Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES3210 Datasheet(HTML) 4 Page - ESS Technology,Inc

  ES3210 Datasheet HTML 1Page - ESS Technology,Inc ES3210 Datasheet HTML 2Page - ESS Technology,Inc ES3210 Datasheet HTML 3Page - ESS Technology,Inc ES3210 Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
© 1997-2001 ESS Technology, Inc. All rights reserved
SAM0417-051701
ES3210 PRODUCT BRIEF
MECHANICAL DIMENSIONS
A
ESS Technology, Inc.
48401 Fremont Blvd.
Fremont, CA 94538
Tel: 510 - 492-1088
Fax: 510 - 492-1098
No part of this publication may be reproduced, stored in a
retrieval system, transmitted, or translated in any form or
by any means, electronic, mechanical, manual, optical, or
otherwise, without the prior written permission of ESS
Technology, Inc.
ESS Technology, Inc. makes no representations or
warranties regarding the content of this document.
All specifications are subject to change without prior
notice.
ESS Technology, Inc. assumes no responsibility for any
errors contained herein.
(P) U.S. Patent 4,214,125 and others, other patents
pending.
VideoDrive® is a registered trademark of ESS Technology,
Inc.
All other trademarks are owned by their respective
holders and are used for identification purposes only.
MECHANICAL DIMENSIONS
Figure 2 shows the mechanical dimensions of the ES3210
package.
Figure 2 ES3210 Mechanical Dimensions
ORDERING INFORMATION
Part Number
Description
Package
ES3210
Video CD processor
100-pin PQFP
Symbol
Description
Millimeters
Min
Nom
Max
D
Lead to lead, X-axis
23.65
23.90
24.15
D1
Package’s outside, X-axis
19.90
20.00
20.10
E
Lead to lead, Y-axis
17.65
17.90
18.15
E1
Package’s outside, Y-axis
13.90
14.00
14.10
A1
Board standoff
0.10
0.25
0.36
A2
Package thickness
2.57
2.71
2.87
b
Lead width
0.20
0.30
0.40
e
Lead pitch
-
0.65
-
e1
Lead gap
0.24
-
-
L
Foot length
0.65
0.80
0.95
L1
Lead length
1.88
1.95
2.02
-
Foot angle
0°
-
7°
-
Coplanarity
-
-
0.102
-
Leads in X-axis
-
30
-
-
Leads in Y-axis
-
20
-
-
Total leads
-
100
-
-
Package type
-
PQFP
-
E1
A2
A1
L
E
D1
b
D
ES3210
e
1
e1
L1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com