Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3210 Datasheet(PDF) 3 Page - ESS Technology,Inc

Part # ES3210
Description  Video CD Processor Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES3210 Datasheet(HTML) 3 Page - ESS Technology,Inc

  ES3210 Datasheet HTML 1Page - ESS Technology,Inc ES3210 Datasheet HTML 2Page - ESS Technology,Inc ES3210 Datasheet HTML 3Page - ESS Technology,Inc ES3210 Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ESS Technology, Inc.
SAM0417-051701
3
ES3210 PRODUCT BRIEF
ES3210 PIN DESCRIPTION
A
PCLK
44
I/O
Pixel clock qualifier in for screen video interface.
AUX[7:0]
54:52, 49:45
I/O
Auxiliary control pins (AUX0 and AUX1 are open collectors).
LD[7:0]
62:55
I/O
RISC interface data bus.
LWR#
63
O
RISC interface write enable (active low).
LOE#
64
O
RISC interface output enable (active low).
LCS[3,1,0]#
65:67
O
RISC interface chip select (active low).
LA[17:0]
87:82, 79:68
O
RISC interface address bus.
VPP
81
I
Digital supply voltage for 5V.
ACLK
88
I/O
Master clock for external audio DAC (8.192 MHz, 11.2896 MHz, 12.288 MHz, 16.9344
MHz, and 18.432 MHz).
AOUT/
89
O
Dual-purpose pin. AOUT is the audio interface serial data output
SEL_PLL0
I
Select PLL[0] input. The matrix below lists the available clock frequencies and their
respective PLL bit settings.
ATCLK
90
I/O
Audio transmit bit clock.
ATFS
91
O
Audio transmit frame sync.
SEL_PLL1
I
Refer to the description and matrix for SEL_PLL0 pin 89.
DOE#
92
O
DRAM output enable (active low).
AIN
93
I
Audio serial data input.
ARCLK
94
I
Audio receive bit clock.
ARFS
95
I
Audio receive frame sync.
TDMCLK
96
I
TDM interface serial clock.
TDMDR
97
I
TDM interface serial data receive.
TDMFS
98
I
TDM interface frame sync.
CAS#
99
O
DRAM column address strobe bank 0 (active low).
Table 1
ES3210 Pin Description (Continued)
Name
Number
I/O
Definition
SEL_PLL1 SEL_PLL0 Clock Output
0
0
Bypass PLL
01
54.0 MHz
10
67.5 MHz
11
81.0 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com