Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3890 Datasheet (PDF) - List of Unclassifed Manufacturers

ES3890 Datasheet PDF - List of Unclassifed Manufacturers
Part # ES3890
Download  ES3890 Download
File Size   91.5 Kbytes
Page   6 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Video CD Processor

ES3890 Datasheet (PDF)

Go To PDF Page Download Datasheet
ES3890 Datasheet PDF - List of Unclassifed Manufacturers

Part # ES3890
Download  ES3890 Click to download

File Size   91.5 Kbytes
Page   6 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Video CD Processor

ES3890 Datasheet (HTML) - List of Unclassifed Manufacturers


ES3890 Product details

[ESS]





DESCRIPTION

The ®ES3890 single-chip Video CD (VCD) processor is the latest innovation of ESS’s family of VCD

chips for VCD players. The ES3890 is based on the ESS Programmable Multimedia Processor (PMP)

architecture consisting of a 32-bit video controller and a 64-bit video processor and it integrates the TV-encoder, thus eliminating the need for a VCD companion chip.

The ES3890 integrates an audio ADC for microphone inputs, two video DACs for Composite and S-video outputs, and digital echo circuitry. With , VCD player design and board layout become simpler, the VCD system cost is much reduced, and it offers a very flexible design configuration for 512 kB or 2 MB system RAM.

The ES3890 performs all of the functions such as video filtering, NTSC/PAL conversion, audio and video error concealment, and picture zoom in/out up to 4x magnification. It supports On-Screen-Display (OSD) with 4 colors in 8 degrees of transparency, Karaoke, and VCD 2.0 Playback Control (PBC).



FEATURES

• ESS proprietary dual CPU PMP core.

• Integrated TV-encoder.

• VCD 1.1 and 2.0 compatible.

• Composite or S-video output.

• CCIR601 non-square operation.

• NTSC/PAL formats.

• Video error concealment.

• SmartBright feature for adjusting brightness of movies during playback.

• Video scaling and X- and Y-axis interpolation.

• Motion pan and zoom to 4X magnification.

• Video CD 2.0 Playback Control.

• JPEG photos decoding and playback.

• Kodak Picture CD and Fujicolor CD JPEG image viewing.

• SmartColor feature for adjusting skin color of JPEG photos during viewing.

• Trick mode functions.

• Dual microphones inputs.

• 7-band audio graphic equalizer.

• Programmable master clock for external audio DAC.

• Digital echo up to 168 ms delay.

• Karaoke voice recording.

• Karaoke scoring.

• CD+G Karaoke.

• Karaoke and subtitle functions.

• MP3 audio playback.

• CD-DA with CD-Text.

• Vocal reverb simulates a theater acoustic environment.

• Windows Media Audio decoding.

• Flexible design for 512 kB or 2 MB memory.

• Direct servo control.

• Remote control interface for power standby on/off.

• 4-bit On-Screen Display controller with 3-bit blending supports 4 colors in 8 degrees of transparency.

• Power management.

• Optional lead-free leads using 98%-Sn/2%-Cu or 98%-Sn/2%-Bi with ES3890FF.




Similar Part No. - ES3890

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES3880 ETC-ES3880 Datasheet
63Kb / 4P
Video CD MPEG Processor
ES3883 ETC-ES3883 Datasheet
38Kb / 4P
Video CD Companion Chip Product Brief
More results


Similar Description - ES3890

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9263AF TOSHIBA-TC9263AF Datasheet
649Kb / 16P
CD SINGLE-CHIP PROCESSOR
logo
Sanyo Semicon Device
LC74201E SANYO-LC74201E Datasheet
246Kb / 21P
Video CD Decoder
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
CD DIGITAL SIGNAL PROCESSOR
CXD2500BQ SONY-CXD2500BQ Datasheet
670Kb / 48P
CD Digital Signal Processor
CXD2529Q SONY-CXD2529Q Datasheet
675Kb / 64P
CD Digital Signal Processor
CXD3009Q SONY-CXD3009Q Datasheet
515Kb / 63P
CD Digital Signal Processor
logo
ESS Technology,Inc
ES3210 ESS-ES3210 Datasheet
63Kb / 4P
Video CD Processor Product Brief
logo
List of Unclassifed Man...
ES3880 ETC-ES3880 Datasheet
63Kb / 4P
Video CD MPEG Processor
logo
Sony Corporation
CXD2510Q SONY-CXD2510Q Datasheet
743Kb / 48P
CD Digital Signal Processor
logo
NXP Semiconductors
TEA7650H PHILIPS-TEA7650H Datasheet
235Kb / 23P
Video signal processor for CD-video/laser vision
September 1990
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com