Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3880 Datasheet (PDF) - List of Unclassifed Manufacturers

ES3880 Datasheet PDF - List of Unclassifed Manufacturers
Part # ES3880
Download  ES3880 Download
File Size   63.65 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Video CD MPEG Processor

ES3880 Datasheet (PDF)

Go To PDF Page Download Datasheet
ES3880 Datasheet PDF - List of Unclassifed Manufacturers

Part # ES3880
Download  ES3880 Click to download

File Size   63.65 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Video CD MPEG Processor

ES3880 Datasheet (HTML) - List of Unclassifed Manufacturers


ES3880 Product details

[ESS]



DESCRIPTION

The ES3880 Video CD MPEG processor is ESS’ third generation highly integrated, optimal quality, and cost effective single chip solution for Video CD players. The ES3880 is the best quality available for both video and audio and easily passes the highest graded level for the China VCD standard. The ES3880 integrates MPEG-1 video and audio processing and a full-fledged MPEG

system bit stream parser. The ES3880 can be used as a microcontroller to provide system control, while also performing such basic video operations as arbitrary scaling and video filtering. The MPEG-1 system layer bitstream is decoded at up to 9 Mb/s at Standard Intermediate Format (SIF) resolution with a picture rate of 30 frames per second. Two channels of MPEG-1 Layer 1 or Layer 2 audio are decoded simultaneously.



FEATURES

• Programmable Multimedia Processor (PMP) architecture

• MPEG-1 audio/video decoder and system parser

• CD block decoder functions

• Video interlacing hardware

• Color Space Conversion (CSC)

• STC interpretation and video/audio Phase-lock Loop (PLL)

• Supports both 8- and 16-bit YUV output

• 256/384 frame sampling frequency for audio system clock

• Programmable master clock for external audio DAC

• Independent bit clock for audio transmit and receive

• SmartScale video scaling supports X- and Y-axis interpolation

• SmartZoom supports 4X picture enlargement and reduction

• SmartStream supports audio and video bit stream error concealment

• SmartVocal: cancels the vocal on an audio-CD

• Karaoke function

• Video Fader for fading video image (in and out)

• On-screen-Display (OSD)

• Playback Control (PBC) for Video CD 2.0

• Trick mode functions (Repeat, Goto, Set A-B, etc.)

• DiscScan, TrackScan, and QuickScan

• Video CD 1.1 and 2.0, and Audio CD compatible

• Power management

• 3.6 V power supply with 5 V tolerant I/O’s

• 100-pin PQFP

• Can be used with either serial or parallel interfaces




Similar Part No. - ES3880

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES3883 ETC-ES3883 Datasheet
38Kb / 4P
Video CD Companion Chip Product Brief
More results


Similar Description - ES3880

ManufacturerPart #DatasheetDescription
logo
Winbond
W99200F WINBOND-W99200F Datasheet
17Kb / 1P
MPEG-1 VIDEO ENCODER
logo
ESS Technology,Inc
ES3210 ESS-ES3210 Datasheet
63Kb / 4P
Video CD Processor Product Brief
logo
Sony Corporation
CXD1922Q SONY-CXD1922Q Datasheet
38Kb / 4P
MPEG-2 Video Encoder
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
List of Unclassifed Man...
ES3890 ETC1-ES3890 Datasheet
91Kb / 6P
Video CD Processor
logo
NXP Semiconductors
TEA7650H PHILIPS-TEA7650H Datasheet
235Kb / 23P
Video signal processor for CD-video/laser vision
September 1990
logo
Cirrus Logic
CS92210 CIRRUS-CS92210 Datasheet
50Kb / 2P
MPEG-2 VIDEO Encoder/Decoder
logo
List of Unclassifed Man...
CL8830 ETC1-CL8830 Datasheet
591Kb / 4P
MPEG-2 AUDIO/VIDEO PROCESSOR WITH REALSONIC AUDIO
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
MPEG Video Decoder
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
Vector Floating Point co-processor Hardware MPEG video encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com