Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES4810FAA Datasheet(PDF) 2 Page - ESS Technology,Inc

Part # ES4810FAA
Description  Digital Audio Processor Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES4810FAA Datasheet(HTML) 2 Page - ESS Technology,Inc

  ES4810FAA Datasheet HTML 1Page - ESS Technology,Inc ES4810FAA Datasheet HTML 2Page - ESS Technology,Inc ES4810FAA Datasheet HTML 3Page - ESS Technology,Inc ES4810FAA Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SAM0660-080406
ESS Technology, Inc.
ES4810SAA PRODUCT BRIEF
MECHANICAL DIMENSIONS
PRELIMINARY
MECHANICAL DIMENSIONS
The mechanical dimensions for the ES4810 are shown in Figure
2.
Figure 2 208-pin Low-profile Quad Flat Package (LQFP)
Symbol
Descriptions
Millimeters
Minimum
Nominal
Maximum
D
Lead to lead, X-axis
29.85
30.00
30.15
D1
Package’s outside, X-axis
27.90
28.00
28.10
D2
Exposed pad, X-axis
—
7.0 (1)
—
E
Lead to lead, Y-axis
29.85
30.00
30.15
E1
Package’s outside, Y-axis
27.90
28.00
28.10
E2
Exposed pad, Y-axis
—
7.0 (1)
—
A1
Board standoff
0.05
0.10
0.15
A2
Package thickness
1.35
1.40
1.45
b
Lead width
0.17
0.22
0.27
e
Lead pitch (center to center)
—
0.50
—
e1
Lead gap
0.23
0.28
0.33
L
Foot length
0.45
0.60
0.75
L1
Lead length
0.90
1.00
1.10
—
Foot angle
0°
—
7°
—
Coplanarity
—
—
0.102
—
Number of leads in X-axis
—
52
—
—
Number of leads in Y-axis
—
52
—
—
Total number of leads
—
208
—
—
Package type
—
LQFP
—
(1)
Depending on the assembly house, the D2 and E2 dimensions may vary slightly.
For lead-free devices, the solder paste and PCB finish/plating must be 100% lead free in order to
ensure proper solderability.
E1
A2
A1
L
E
D1
b
D
e
1
e1
L1
E2
D2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com