Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES4810FAA Datasheet(PDF) 3 Page - ESS Technology,Inc

Part # ES4810FAA
Description  Digital Audio Processor Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES4810FAA Datasheet(HTML) 3 Page - ESS Technology,Inc

  ES4810FAA Datasheet HTML 1Page - ESS Technology,Inc ES4810FAA Datasheet HTML 2Page - ESS Technology,Inc ES4810FAA Datasheet HTML 3Page - ESS Technology,Inc ES4810FAA Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ESS Technology, Inc.
SAM0660-080406
3
ES4810SAA PRODUCT BRIEF
P C BOARD LAYOUT CONSIDERATIONS
PRELIMINARY
P C BOARD LAYOUT CONSIDERATIONS
Required Printed Circuit Board Layout
The ES4810 LQFP package requires additional heat
sinking to prevent heat-caused damage to the chip. To
accomplish this heat dissipation in an economical manner,
the following printed circuit board (PCB) layout is required.
The land pattern for the chips still use the standard 208-pin
LQFP footprint on the PCB with the addition of the heat
sink, as shown in Figure 3. Required for heat dissipation is
the addition of a solid copper fill on the top and bottom
layers of the PCB, along with 1mm square solder mask
exposures and via in the center of each exposure.
The metal land on the underside of the IC must have more
than 90% of its surface area directly soldered onto the
PCB (i.e., the solder mask openings as shown below) for
the heat dissipation to be effective.
It is not recommended to route any traces between the
land pattern and metal land.
The specifications for the LQFP heat sinking is listed in
Table 1
Figure 3 Required PCB Layout for Heat Dissipation
Table 1
LQFP Heat Sink Specifications
Parameters
Dimensions
Parameters
Dimensions
PCB Layers
4, minimum
Via diameter
0.3 mm
Solder mask opening (top layer)
1.0
× 1.0 mm
Via spacing (center to center)
1.2 mm
Solder mask width
0.2 mm
Via plating
must be plugged
VIA, 0.3 dia.
solder mask (top layer)
solder mask opening (top layer)
SAM0508-03
0.2
1.0
1.2
0.2
0.2
0.2
1.0
1.2
Dimensions
in mm
7.4
7.4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com