Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES7011 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES7011
Description  MPEG2 AV Encoder Prod uct Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES7011 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES7011 Datasheet HTML 1Page - ESS Technology,Inc ES7011 Datasheet HTML 2Page - ESS Technology,Inc ES7011 Datasheet HTML 3Page - ESS Technology,Inc ES7011 Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESS Technology, Inc.
SAM0446-060302
1
ESS Technology, Inc.
ES7010 and ES7011
MPEG2 AVEncod e r
Prod u ctBrie f
The ES7010 and ES7011 are MPEG2 audio video encoders. They consist of a video encode/
transcode unit, audio DSP engine, a 32-bit RISC CPU, a video input/output unit and a system
control unit. The devices uses either 8MB or 16MB of SDRAM depending on the functions. This
device is the optimal choice for consumer digital video recording and playback needs.
Features
Home Applications
·
Digital video recorder (DVR) that can delay, pause, record and search live video broadcast. A
hard disk drive system or an optical media disk system can be supported.
·
DVR Integrated with:
– DVD player
– Digital TV
– Cable, satellite or DSL set top box.
·
Recordable DVD (or VCD) player
·
Camcorder:
Video encoder
Stream standard:
MPEG2 video MP@ML, SP@ML standard, MPEG1 standard
Picture size (resolution):
720x480/576 (Full D1)
704x480/576 (Cropped D1)
544x480/576 (3/4 D1)
480x480/576 (2/3 D1)
352x480/576 (1/2 D1)
352x240/288 (SIF)
Bit rate encoding:
Single-pass, variable bit rate (VBR), constant bit rate (CBR) encoding
Transrating:
Bit rate conversion, VBR to and from CBR
Transcoding:
MPEG2 format conversion (MPEG2-TS to and from MPEG2-PS)
Video input/output
Format:
8-bit Y/Cb/Cr 4:2:2 (ITU-R BT.656)
Pre analysis:
Film detect, scene changing detect, and motion estimation assist
Audio encoding (ES7010)
Bit length:
16 bits, 20 bits, 24 bits
Sampling rate:
32 kHz, 44.1 kHz, 48 kHz
MPEG standard:
Audio layer 2 standard based
Dolby encoder (ES7011 only):
Dolby Digital Consumer Encoder
™ (DDCE). A license from Dolby is
required.
Streams:
Elementary stream and PCM audio input/output
MPEG system processing
Multiplex:
MPEG2-PS, MPEG2-TS, DVD-VIDEO, and DVD-VR
De-multiplex:
MPEG2-PS, MPEG2-TS
Mechanical and electrical
Package:
208-pin fine pitch plastic quad flat package (PQFP)
Power supply:
1200 mW (typical)
Power supply voltage:
3.3±0.165V, 2.5±0.2V (internal circuit power)


Similar Part No. - ES7011

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES7020 ESS-ES7020 Datasheet
70Kb / 6P
Vantage-II Audio/Video Codec Product Brief
ES7020BDF ESS-ES7020BDF Datasheet
70Kb / 6P
Vantage-II Audio/Video Codec Product Brief
ES7020BF ESS-ES7020BF Datasheet
70Kb / 6P
Vantage-II Audio/Video Codec Product Brief
More results

Similar Description - ES7011

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2503 PHILIPS-SAA2503 Datasheet
139Kb / 20P
MPEG2 audio decoder
1997 Jul 02
SAA6750H PHILIPS-SAA6750H Datasheet
217Kb / 60P
Encoder for MPEG2 image recording EMPIRE
2000 May 03
logo
Broadcom Corporation.
BCM7040 BOARDCOM-BCM7040 Datasheet
131Kb / 1P
MPEG2 DIGITAL VIDEO/AUDIO ENCODER
logo
Panasonic Semiconductor
MN85571AC PANASONIC-MN85571AC Datasheet
168Kb / 16P
Single-Chip Audio/Video MPEG2 Encoder
logo
NEC
UPD61051 NEC-UPD61051 Datasheet
824Kb / 106P
MOS INTEGRATED CIRCUIT MPEG2 AUDIO/VIDEO ENCODER
logo
fujitsu semiconductor
MB86391 FUJITSU-MB86391 Datasheet
847Kb / 69P
MPEG2 1chip Audio/Video Encoder
logo
Zoran Corporation
ACTIVA100 ZORAN-ACTIVA100 Datasheet
433Kb / 2P
MPEG AV Encoder for DVD Recorders
logo
THOR communications
H-AV-MPEG2 THOR-H-AV-MPEG2 Datasheet
994Kb / 1P
Our H-AV-MPEG2-D decoder units are designed for professional quality head end decoding.
logo
PHOENIX CONTACT
0803342 PHOENIX-0803342 Datasheet
47Kb / 2P
Magazine - TMP-UCT-MAG1
09/11/2020
logo
List of Unclassifed Man...
VX1937 ETC-VX1937 Datasheet
53Kb / 2P
Product Preliminary Brief NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com